Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NRH3012T-R0NN Fiches technique(PDF) 8 Page - Taiyo Yuden (U.S.A.), Inc

No de pièce NRH3012T-R0NN
Description  Please read this notice before using the TAIYO YUDEN products.
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Site Internet  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

NRH3012T-R0NN Fiches technique(HTML) 8 Page - Taiyo Yuden (U.S.A.), Inc

Back Button NRH3012T-R0NN Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 12Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
14
▶Thiscatalogcontainsthetypicalspecificationonlyduetothelimitationofspace.Whenyouconsiderthepurchaseofourproducts,pleasecheckourspecification.
Fordetailsofeachproduct(characteristicsgraph,reliabilityinformation,precautionsforuse,andsoon),seeourWebsite(http://www.ty-top.com/).
44
/
■PARTS NUMBER
●NRS6014 Shielded type
Saturation current
Idc1
Temperature rise current
Idc2
NRS6014T 1R2NMGG
RoHS
1.2
±30%
77
0.042
4,000
2,750
100
NRS6014T 2R2NMGG
RoHS
2.2
±30%
61
0.055
3,000
2,300
100
NRS6014T 3R3NMGG
RoHS
3.3
±30%
41
0.075
2,500
2,000
100
NRS6014T 4R7MMGG
RoHS
4.7
±20%
36
0.090
2,000
1,900
100
NRS6014T 6R8MMGG
RoHS
6.8
±20%
30
0.115
1,700
1,650
100
NRS6014T 100MMGG
RoHS
10
±20%
24
0.140
1,400
1,400
100
NRS6014T 150MMGG
RoHS
15
±20%
20
0.210
1,150
1,200
100
NRS6014T 220MMGG
RoHS
22
±20%
16
0.300
950
1,000
100
●NRS6020 Shielded type
Saturation current
Idc1
Temperature rise current
Idc2
NRS6020T 0R8NMGG
RoHS
0.8
±30%
110
0.020
6,400
4,100
100
NRS6020T 1R5NMGJ
RoHS
1.5
±30%
93
0.026
4,300
3,600
100
NRS6020T 2R2NMGJ
RoHS
2.2
±30%
73
0.034
3,200
2,900
100
NRS6020T 3R3NMGJ
RoHS
3.3
±30%
55
0.040
2,800
2,750
100
NRS6020T 4R7NMGJ
RoHS
4.7
±30%
43
0.058
2,400
2,150
100
NRS6020T 6R8NMGJ
RoHS
6.8
±30%
30
0.085
2,000
1,800
100
NRS6020T 100MMGG
RoHS
10
±20%
18
0.125
1,900
1,500
100
NRS6020T 220MMGG
RoHS
22
±20%
11
0.290
1,250
950
100
●NRS6028 Shielded type
Saturation current
Idc1
Temperature rise current
Idc2
NRS6028T 0R9NMGJ
RoHS
0.9
±30%
90
0.013
6,700
4,600
100
NRS6028T 1R5NMGJ
RoHS
1.5
±30%
78
0.016
5,100
4,200
100
NRS6028T 2R2NMGJ
RoHS
2.2
±30%
68
0.020
4,200
3,700
100
NRS6028T 3R0NMGJ
RoHS
3.0
±30%
55
0.023
3,600
3,400
100
NRS6028T 4R7MMGK
RoHS
4.7
±20%
39
0.031
2,700
3,000
100
NRS6028T 6R8MMGJ
RoHS
6.8
±20%
25
0.043
2,600
2,500
100
NRS6028T 100MMGK
RoHS
10
±20%
20
0.065
1,900
1,900
100
NRS6028T 150MMGJ
RoHS
15
±20%
17
0.095
1,600
1,800
100
NRS6028T 220MMGJ
RoHS
22
±20%
12
0.135
1,300
1,400
100
NRS6028T 330MMGJ
RoHS
33
±20%
10
0.220
1,100
1,100
100
NRS6028T 470MMGJ
RoHS
47
±20%
8
0.300
1,000
920
100
NRS6028T 680MMGJ
RoHS
68
±20%
5
0.420
800
770
100
NRS6028T 101MMGJ
RoHS
100
±20%
3
0.600
650
660
100
●NRS6045 Shielded type
Saturation current
Idc1
Temperature rise current
Idc2
NRS6045T 1R0NMGK
RoHS
1.0
±30%
110
0.014
9,800
4,500
100
NRS6045T 1R3NMGK
RoHS
1.3
±30%
95
0.016
8,200
4,200
100
NRS6045T 1R8NMGK
RoHS
1.8
±30%
80
0.019
7,200
3,900
100
NRS6045T 2R3NMGK
RoHS
2.3
±30%
60
0.022
6,400
3,600
100
NRS6045T 3R0NMGK
RoHS
3.0
±30%
45
0.024
5,600
3,300
100
NRS6045T 4R5MMGK
RoHS
4.5
±20%
25
0.030
4,400
3,100
100
NRS6045T 6R3MMGK
RoHS
6.3
±20%
15
0.036
3,600
3,000
100
NRS6045T 100MMGK
RoHS
10
±20%
12
0.046
3,100
2,400
100
NRS6045T 150MMGK
RoHS
15
±20%
10
0.070
2,500
1,900
100
NRS6045T 220MMGK
RoHS
22
±20%
7
0.107
2,000
1,600
100
NRS6045T 330MMGK
RoHS
33
±20%
6
0.141
1,650
1,400
100
NRS6045T 470MMGK
RoHS
47
±20%
5
0.211
1,400
1,150
100
NRS6045T 680MMGK
RoHS
68
±20%
4
0.304
1,100
950
100
NRS6045T 101MMGK
RoHS
100
±20%
3
0.466
900
750
100
●NRS8030 Shielded type
Saturation current
Idc1
Temperature rise current
Idc2
NRS8030T 1R0NJGJ
RoHS
1.0
±30%
120
0.009
7,800
6,200
100
NRS8030T 1R5NJGJ
RoHS
1.5
±30%
80
0.012
6,200
5,300
100
NRS8030T 2R2NJGJ
RoHS
2.2
±30%
60
0.015
4,900
4,800
100
NRS8030T 3R3MJGJ
RoHS
3.3
±20%
50
0.019
4,200
4,300
100
NRS8030T 4R7MJGJ
RoHS
4.7
±20%
40
0.022
3,600
4,000
100
NRS8030T 6R8MJGJ
RoHS
6.8
±20%
32
0.029
3,000
3,400
100
NRS8030T 100MJGJ
RoHS
10
±20%
27
0.033
2,400
3,000
100
NRS8030T 150MJGJ
RoHS
15
±20%
20
0.060
2,000
2,200
100
NRS8030T 220MJGJ
RoHS
22
±20%
16
0.070
1,750
1,900
100
NRS8030T 330MJGJ
RoHS
33
±20%
13
0.120
1,300
1,500
100
NRS8030T 470MJGJ
RoHS
47
±20%
11
0.170
1,100
1,300
100
※) The saturation current value (Idc1) is the DC current value having inductance decrease down to 30%. (at 20℃)
※) The temperature rise current value(Idc2) is the DC current value having temperature increase up to 40℃. (at 20℃)
※) The rated current is the DC current value that satisfies both of current value saturation current value and temperature rise current value.
Rated current ※) [mA]
Measuring
frequency[kHz]
Parts number
EHS
Rated current ※) [mA]
Measuring
frequency[kHz]
Self-resonant
frequency
[MHz](min.)
DC Resistance
[Ω](±30%)
Nominal inductance
[μH]
Inductance tolerance
Self-resonant
frequency
[MHz](min.)
DC Resistance
[Ω](±30%)
Parts number
EHS
Nominal inductance
[μH]
Inductance tolerance
Parts number
EHS
Nominal inductance
[μH]
Inductance tolerance
Parts number
EHS
Nominal inductance
[μH]
Inductance tolerance
Self-resonant
frequency
[MHz](min.)
DC Resistance
[Ω](±30%)
Rated current ※) [mA]
Measuring
frequency[kHz]
Rated current ※) [mA]
Measuring
frequency[kHz]
Self-resonant
frequency
[MHz](min.)
DC Resistance
[Ω](±20%)
Rated current ※) [mA]
Measuring
frequency[kHz]
Parts number
EHS
Nominal inductance
[μH]
Inductance tolerance
Self-resonant
frequency
[MHz](min.)
DC Resistance
[Ω](±20%)
i_smd_NR_e-E02R01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com