Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NRH3012T-R0NN Fiches technique(PDF) 7 Page - Taiyo Yuden (U.S.A.), Inc

No de pièce NRH3012T-R0NN
Description  Please read this notice before using the TAIYO YUDEN products.
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Site Internet  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

NRH3012T-R0NN Fiches technique(HTML) 7 Page - Taiyo Yuden (U.S.A.), Inc

Back Button NRH3012T-R0NN Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
14
▶Thiscatalogcontainsthetypicalspecificationonlyduetothelimitationofspace.Whenyouconsiderthepurchaseofourproducts,pleasecheckourspecification.
Fordetailsofeachproduct(characteristicsgraph,reliabilityinformation,precautionsforuse,andsoon),seeourWebsite(http://www.ty-top.com/).
43
/
■PARTS NUMBER
●NRS5024 Shielded type
Saturation current
Idc1
Temperature rise current
Idc2
NRS5024T 1R0NMGJ
RoHS
1.0
±30%
85
0.016
5,800
4,400
100
NRS5024T 1R5NMGJ
RoHS
1.5
±30%
67
0.022
5,200
3,600
100
NRS5024T 2R2NMGJ
RoHS
2.2
±30%
51
0.029
4,100
3,100
100
NRS5024T 3R3NMGJ
RoHS
3.3
±30%
41
0.043
3,100
2,400
100
NRS5024T 4R7MMGJ
RoHS
4.7
±20%
37
0.055
2,700
2,000
100
NRS5024T 6R8MMGJ
RoHS
6.8
±20%
28
0.080
2,200
1,600
100
NRS5024T 100MMGJ
RoHS
10
±20%
21
0.125
1,700
1,200
100
NRS5024T 150MMGJ
RoHS
15
±20%
18
0.170
1,400
1,000
100
NRS5024T 220MMGJ
RoHS
22
±20%
15
0.230
1,200
820
100
NRS5024T 330MMGJ
RoHS
33
±20%
11
0.370
1,000
630
100
●NRS5030 Shielded type
Saturation current
Idc1
Temperature rise current
Idc2
NRS5030T R47NMGJ
RoHS
0.47
±30%
185
0.010
9,000
5,000
100
NRS5030T 1R0NMGJ
RoHS
1.0
±30%
110
0.015
6,600
4,000
100
NRS5030T 2R2NMGJ
RoHS
2.2
±30%
46
0.023
4,200
3,500
100
NRS5030T 3R3MMGJ
RoHS
3.3
±20%
36
0.030
3,600
3,000
100
NRS5030T 4R7MMGJ
RoHS
4.7
±20%
31
0.035
3,100
2,600
100
NRS5030T 6R8MMGJ
RoHS
6.8
±20%
22
0.052
2,500
2,300
100
NRS5030T 100MMGJ
RoHS
10
±20%
20
0.070
2,100
1,700
100
NRS5030T 150MMGJ
RoHS
15
±20%
14
0.125
1,600
1,400
100
NRS5030T 220MMGJ
RoHS
22
±20%
13
0.180
1,400
1,050
100
NRS5030T 330MMGJ
RoHS
33
±20%
10
0.225
1,150
800
100
NRS5030T 470MMGJ
RoHS
47
±20%
9
0.325
950
700
100
●NRS5040 Shielded type
Saturation current
Idc1
Temperature rise current
Idc2
NRS5040T 1R5NMGJ
RoHS
1.5
±30%
60
0.017
6,400
4,500
100
NRS5040T 2R2NMGJ
RoHS
2.2
±30%
42
0.022
5,000
3,700
100
NRS5040T 3R3NMGJ
RoHS
3.3
±30%
32
0.027
4,000
3,300
100
NRS5040T 4R7NMGK
RoHS
4.7
±30%
28
0.029
3,300
3,100
100
NRS5040T 6R8MMGJ
RoHS
6.8
±20%
21
0.049
2,800
2,400
100
NRS5040T 100MMGJ
RoHS
10
±20%
18
0.056
2,300
2,100
100
NRS5040T 150MMGJ
RoHS
15
±20%
13
0.080
2,000
1,800
100
NRS5040T 220MMGK
RoHS
22
±20%
9
0.126
1,500
1,400
100
NRS5040T 330MMGJ
RoHS
33
±20%
7
0.180
1,300
1,200
100
NRS5040T 470MMGJ
RoHS
47
±20%
6
0.310
1,100
900
100
●NRS6010 type
Saturation current
Idc1
Temperature rise current
Idc2
NRS6010T 1R5MMGF
RoHS
1.5
±20%
77
0.090
2,400
1,900
100
NRS6010T 2R2MMGF
RoHS
2.2
±20%
56
0.110
1,900
1,700
100
NRS6010T 3R3MMGF
RoHS
3.3
±20%
42
0.135
1,600
1,500
100
NRS6010T 4R7MMGF
RoHS
4.7
±20%
36
0.165
1,300
1,400
100
NRS6010T 6R8MMGF
RoHS
6.8
±20%
30
0.220
1,200
1,200
100
NRS6010T 100MMGF
RoHS
10
±20%
25
0.270
1,000
1,100
100
NRS6010T 220MMGF
RoHS
22
±20%
12
0.580
650
700
100
●NRS6012 Shielded type
Saturation current
Idc1
Temperature rise current
Idc2
NRS6012T 1R0NMGJ
RoHS
1.0
±30%
95
0.050
3,000
2,400
100
NRS6012T 1R5NMGG
RoHS
1.5
±30%
69
0.067
2,600
2,100
100
NRS6012T 2R5NMGG
RoHS
2.5
±30%
45
0.090
2,100
1,800
100
NRS6012T 3R3NMGG
RoHS
3.3
±30%
42
0.105
1,800
1,700
100
NRS6012T 4R7MMGG
RoHS
4.7
±20%
36
0.125
1,600
1,550
100
NRS6012T 5R3MMGJ
RoHS
5.3
±20%
34
0.125
1,500
1,550
100
NRS6012T 6R8MMGJ
RoHS
6.8
±20%
30
0.165
1,300
1,350
100
NRS6012T 100MMGJ
RoHS
10
±20%
22
0.200
1,000
1,200
100
NRS6012T 150MMGJ
RoHS
15
±20%
18
0.295
800
800
100
NRS6012T 220MMGJ
RoHS
22
±20%
12
0.465
760
650
100
NRS6012T 330MMGJ
RoHS
33
±20%
8
0.580
590
550
100
NRS6012T 470MMGJ
RoHS
47
±20%
6
0.965
520
460
100
NRS6012T 680MMGJ
RoHS
68
±20%
3
1.16
440
410
100
NRS6012T 101MMGJ
RoHS
100
±20%
1
1.67
350
320
100
※) The saturation current value (Idc1) is the DC current value having inductance decrease down to 30%. (at 20℃)
※) The temperature rise current value(Idc2) is the DC current value having temperature increase up to 40℃. (at 20℃)
※) The rated current is the DC current value that satisfies both of current value saturation current value and temperature rise current value.
Rated current ※) [mA]
Measuring
frequency[kHz]
Self-resonant
frequency
[MHz](min.)
DC Resistance
[Ω](±20%)
Rated current ※) [mA]
Measuring
frequency[kHz]
Self-resonant
frequency
[MHz](min.)
DC Resistance
[Ω](±20%)
Parts number
EHS
Nominal inductance
[μH]
Inductance tolerance
Parts number
EHS
Nominal inductance
[μH]
Inductance tolerance
Self-resonant
frequency
[MHz](min.)
DC Resistance
[Ω](±30%)
Rated current ※) [mA]
Measuring
frequency[kHz]
Parts number
EHS
Nominal inductance
[μH]
Inductance tolerance
Self-resonant
frequency
[MHz](min.)
DC Resistance
[Ω](±30%)
Rated current ※) [mA]
Measuring
frequency[kHz]
Parts number
EHS
Nominal inductance
[μH]
Inductance tolerance
Rated current ※) [mA]
Measuring
frequency[kHz]
Self-resonant
frequency
[MHz](min.)
DC Resistance
[Ω](±20%)
Parts number
EHS
Nominal inductance
[μH]
Inductance tolerance
i_smd_NR_e-E02R01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com