Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NRH3012T-R0NN Fiches technique(PDF) 20 Page - Taiyo Yuden (U.S.A.), Inc

No de pièce NRH3012T-R0NN
Description  Please read this notice before using the TAIYO YUDEN products.
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Site Internet  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

NRH3012T-R0NN Fiches technique(HTML) 20 Page - Taiyo Yuden (U.S.A.), Inc

Back Button NRH3012T-R0NN Datasheet HTML 14Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 15Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 16Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 17Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 18Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 19Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 20Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 21Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 22Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
▶ This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) .
i_smd_NR_NS_reli_e-E02R01
19. Low temperature life test
Specified Value
NR30/40/50/60/80, NRV20/30,
NRH24/30, NRS20/40/50/60/80 Type
Inductance change : Within ±10%
No significant abnormality in appearance.
NR10050 Type
NS101, NS125 Type
Test Methods and
Remarks
NR30/40/50/60/80, NRV20/30, NRH24/30, NRS20/40/50/60/80 Type, NR10050 Type, NS101/125 Type :
The test samples shall be soldered to the test board by the reflow. After that, the test samples shall be placed at test conditions as shown
in below table.
Temperature
-40±2℃
Time
500+24/-0 hour
20. High temperature life test
Specified Value
NR30/40/50/60/80, NRV20/30,
NRH24/30, NRS20/40/50/60/80 Type
-
NR10050 Type
-
NS101, NS125 Type
-
Test Methods and
Remarks
NR10050 Type :
Temperature
105±3℃
Time
500+24/-0 hour
Recovery : At least 2hrs of recovery under the standard condition after the test, followed by the measurement within 48hrs.
21. Loading at high temperature life test
Specified Value
NR30/40/50/60/80, NRV20/30,
NRH24/30, NRS20/40/50/60/80 Type
Inductance change : Within ±10%
No significant abnormality in appearance.
NR10050 Type
-
NS101, NS125 Type
Inductance change : Within ±10%
No significant abnormality in appearance.
Test Methods and
Remarks
NR30/40/50/60/80, NRV30, NRH24/30, NRS40/50/60/80 Type, NS12555, NS12565, NS12575 Type :
The test samples shall be soldered to the test board by the reflow soldering.
Temperature
85±2℃
Applied current
Rated current
Time
500+24/-0 hour
22. Standard condition
Specified Value
NR30/40/50/60/80, NRV20/30,
NRH24/30, NRS20/40/50/60/80 Type
Standard test condition :
Unless otherwise specified, temperature is 20±15℃ and 65±20%of
relative humidity.
When there is any question concerning measurement result: In order to
provide correlation data, the test shall be condition of 20±2℃ of
temperature, 65±5% relative humidity.
Inductance is in accordance with our measured value.
NR10050 Type
NS101, NS125 Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com