Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZIOL2102 Fiches technique(PDF) 55 Page - List of Unclassifed Manufacturers

No de pièce ZIOL2102
Description  IO-Link compliant HV Line Driver IC Family
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

ZIOL2102 Fiches technique(HTML) 55 Page - List of Unclassifed Manufacturers

Back Button ZIOL2102 Datasheet HTML 51Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 52Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 53Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 54Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 55Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 56Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 57Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 58Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 59Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 91 page
background image
ZIOL2xxx – IC Family
IO-Link compliant HV Line Driver IC Family
Data Sheet
January 31, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
55 of 90
In order to reduce power dissipation, caused by the voltage drop above the regulating transistor, the regulator can
be powered with an input voltage less than VDD_HV. If for example the on-chip DC/DC converter is in use and its
output voltage is set to at least 5V, then the linear regulator can be powered with this output voltage.
The electrical characteristics are shown in the chapter “operating conditions” (chapter 1).
The following block schematic (Figure 3.19) shows the principle of the low voltage generation in conjunction with a
possible usage of the on chip DC/DC converter. For more information about required external components refer to
chapter 4.
Figure 3.19 Low Voltage Supply Concept



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91