Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZIOL2102 Fiches technique(PDF) 28 Page - List of Unclassifed Manufacturers

No de pièce ZIOL2102
Description  IO-Link compliant HV Line Driver IC Family
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

ZIOL2102 Fiches technique(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button ZIOL2102 Datasheet HTML 24Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 25Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 26Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 27Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 28Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 29Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 30Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 31Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 91 page
background image
ZIOL2xxx – IC Family
IO-Link compliant HV Line Driver IC Family
Data Sheet
January 31, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
28 of 90
Figure 3.8 The Basic Scheme of the IC Self Protection
Any internal exception will be stored in status register[18]. This status register will be cleared by reading the
register but the appropriated bit will be set again (within the next cycle of the IC control circuit) if an exception is
still present.
A lock can be reset by using the build-in and configurable lock counter (defined in the associated configuration
registers). As shown in Figure 3.8 the lock reset will be performed when the lock time has been elapsed. The lock
counter is using the same clock as the associated overload counter(s). Alternatively a lock can be reset by
performing an write access to status register[16] (for more details refer to Appendix A).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91