| Moteur de recherche de fiches techniques de composants électroniques |
|
1934026-1 Fiches technique(PDF) 15 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
1934026-1 Fiches technique(HTML) 15 Page - Tyco Electronics |
|
15 / 32 page ![]() 15 Catalog 3-1773445-8 Dimensions are in millimeters Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 6-07 and inches unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are U.S. equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 Product Defined in AdvancedTCA/AdvancedTCA 300 Specifications (Continued) Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards AdvancedMC, AdvancedTCA, AdvancedTCA 300, MicroTCA and PICMG are trademarks of PICMG-PCI Industrial Computer Manufacturers Group Incorporated. Tyco Electronics AdvancedTCA Guide Modules are available in various sizes and configurations and are suitable for use in a wide variety of applications including front board, mid plane, backplane, and a Rear Transition Module as specified in the AdvancedTCA specification. The guide hardware features improved locating features to confirm guidance is maintained across all component tolerances while the dual-keyed pin configuration allows for many different keying possibilities. www.tycoelectronics.com/products/atca Catalog 1773095 AdvancedTCA — Guide Modules FEATURES: • Configurations for front board and backplane as well as midplane and coplanar applications in the RTM • Vertical and right angle pins to support right angle and coplanar board configurations • Guide pins are available in short or long lengths to accommodate var- ious Tyco Electronics connectors AdvancedTCA Guide/ Keying Modules The AdvancedTCA Guide Modules can be used in a wide variety of applications. For motherboard-to- daughtercard applications the vertical pin and right angle socket are used. This popular configuration is further supported by our wide offering of available keying positions. Each of the two keyed guide pins and guide sockets per mod- ule can be produced in a variety of different key positions. For co-planar applications, the right angle guide pins are used along with the right angle guide sockets. Both vertical and right angle guide pins are available in short or long sizes, to accommodate being used with different Tyco Electronics connectors. AdvancedTCA AdvancedTCA Description Part Number Name Location rA1 Backplane Rear Alignment Post 1469269-2 3.00 – 4.00 [.118 – .157] PCB Thickness rA1 Backplane Rear Alignment Post 1469269-4 4.10 – 6.00 [.161 – .236] PCB Thickness rA1 Backplane Rear Alignment Post 1469269-6 6.10 – 8.00 [.240 – .315] PCB Thickness A2 (RTM) Rear Transition Module Right Angle Male, Keyed 1-1469372-1 K1/K2 Front Board Right Angle Female, Keyed 1-1469373-1 K1/K2 Front Board Right Angle Female, Unkeyed Dummy 9-1469373-9 rK1 Rear Transition Right Angle Female 1469374-1 A1 Backplane Vertical Male, Keyed, Short 1-1469387-1 A2 Mid-Plane Vertical Male, Keyed, Long 1-1469388-1 Note: Part Numbers are RoHS compliant. rA1 A2 (RTM) K1/K2 rK1 A1 A2 |