Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1934026-1 Fiches technique(PDF) 13 Page - Tyco Electronics

No de pièce 1934026-1
Description  Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

1934026-1 Fiches technique(HTML) 13 Page - Tyco Electronics

Back Button 1934026-1 Datasheet HTML 9Page - Tyco Electronics 1934026-1 Datasheet HTML 10Page - Tyco Electronics 1934026-1 Datasheet HTML 11Page - Tyco Electronics 1934026-1 Datasheet HTML 12Page - Tyco Electronics 1934026-1 Datasheet HTML 13Page - Tyco Electronics 1934026-1 Datasheet HTML 14Page - Tyco Electronics 1934026-1 Datasheet HTML 15Page - Tyco Electronics 1934026-1 Datasheet HTML 16Page - Tyco Electronics 1934026-1 Datasheet HTML 17Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
13
Catalog 3-1773445-8
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are U.S. equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Product Defined in AdvancedTCA/AdvancedTCA 300 Specifications (Continued)
Solutions for AdvancedTCA, AdvancedTCA 300,
MicroTCA, and AdvancedMC Standards
AdvancedMC, AdvancedTCA,
AdvancedTCA 300, MicroTCA and
PICMG are trademarks of PICMG-PCI
Industrial Computer Manufacturers
Group Incorporated.
Tyco Electronics is developing an
AdvancedMC connector designed to meet
the PICMG AdvancedMC specification for
use with AdvancedTCA carrier boards and
other related applications. The AdvancedMC
product family from Tyco Electronics will
include single-part Z-Pluggable connectors
in Extended (B+ and A+B+) styles.
www.tycoelectronics.com/products/atca
Product Specification
108-2277
Application Specification
114-13181
AdvancedTCA — Advanced Mezzanine Card (AdvancedMC) Connectors
FEATURES
• B+ style available now
• A+B+ styles planned
– Targeted for high-speed differ-
ential applications (3.125 Gb/s
to 10+ Gb/s):
– Precision formed compliant pin
reduces stub effect and offers
excellent retention to provide a
reliable connect
• Suitable for assembly processes
using flat-rock tooling
Part Number
Plating
Inserts
Pegs
1367703-1
SnPb
No
No
1367703-2
Sn
No
No
1-1367703-1
SnPb
Yes
No
1-1367703-2
Sn
Yes
No
2-1367703-1
SnPb
No
Yes
2-1367703-2
Sn
No
Yes
3-1367703-1
SnPb
Yes
Yes
3-1367703-2
Sn
Yes
Yes
Note: Part Numbers are RoHS compliant except:
Indicates “5 of 6 compliant”
(lead in solderable interface only).
65.15 ± 0.05
[2.565 ± .002]
71.50 ± 0.05
[2.815 ± .002]
4.10 ± 0.05
[.161 ± .002]
4.10 ± 0.05
[.161 ± .002]
21.85 ± 0.05
[.860 ± .002]
3.90 ± 0.05
[.154 ± .002]
6.00
[.236]
1.90 ± 0.08
[.075 ± .003]
Housing
2 Plcs.
13.70
[.539]
Max.
Contact
Insert, Threaded,
2 Plcs., Optional
+0.00
–0.10
+.000
–.004
0.65
[.026
]
65.15 ± 0.05
[2.565 ± .002]
71.50 ± 0.05
[2.815 ± .002]
4.10 ± 0.05
[.161 ± .002]
21.85 ± 0.05
[.860 ± .002]
3.90 ± 0.05
[.154 ± .002]
6.00
[.236]
2 Plcs.
14.00
[.551]
Ref.
5.80
[.228]
2 Plcs.
1.90 ± 0.08
[.075 ± .003]
Housing
13.70
[.539]
Max.
Contact
Optional
Pegs
Insert, Threaded,
2 Plcs., Optional
+ 0.00
– 0.10
+ .000
– .004
0.65
[.026
]
AdvancedMC Connector, Style B+
Part Number 1367703-X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32