| Moteur de recherche de fiches techniques de composants électroniques |
|
1934026-1 Fiches technique(PDF) 11 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
1934026-1 Fiches technique(HTML) 11 Page - Tyco Electronics |
|
11 / 32 page ![]() 11 Catalog 3-1773445-8 Dimensions are in millimeters Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 6-07 and inches unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are U.S. equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 Product Defined in AdvancedTCA/AdvancedTCA 300 Specifications (Continued) Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards AdvancedMC, AdvancedTCA, AdvancedTCA 300, MicroTCA and PICMG are trademarks of PICMG-PCI Industrial Computer Manufacturers Group Incorporated. The Co-Planar Universal Power Module (UPM) is specifically designed to meet the need of connecting two printed circuit boards on the same plane. The UPM con- nector features hot-pluggable, 16 Amp power industry proven contacts and have three sequencing levels. Co-Planar UPM for AdvancedTCA Zone 3 Power Applications Right Angle Receptacle FEATURES • Hot-Pluggable contact design • 16 Amp per contact (on 4-position) • 250 cycle durability • Touch-safe receptacle No. of Right-Angle Circuit High Power 16 Amps/ Positions Contact Part Numbers 3 120943-1 4 120943-2 5 120943-3 6 120943-4 7 120943-5 8 120943-6 9 120943-7 Right Angle Plug Number of Dimension High Power 16 Amps/ Part Number Positions L Contact Sequence* Pattern 12.00 M,M,M 5-5223961-1 3 .472 M,L,M 5-5223963-1 ** ** 15.00 L,L,L,L 120954-1 4 .591 L,M,S,S 120954-2 ** ** 18.00 L,L,L,L,L 120955-1 5 .709 M,M,L,M,M 120955-2 ** ** 21.00 L,L,L,L,L,L 120956-1 6 .827 L,M,S,S,S,S 120956-2 ** ** 7 24.00 L,L,L,L,L,L,L 120957-1 .945 L,S,S,L,S,S,L 120957-2 8 27.00 L,L,L,L,L,L,L,L 120958-1 1.063 L,M,S,S,S,S,S,S 120958-2 *Sequencing Reads left-to-right along mating face. L (long) = 10.90 [.429], M (medium) = 9.30 [.366], S [short] = 7.68 [.302] **Other sequence patterns available. See on-line customer drawing. Note: Part Numbers are RoHS compliant. |