| Moteur de recherche de fiches techniques de composants électroniques |
|
LM346 Fiches technique(PDF) 14 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM346 Fiches technique(HTML) 14 Page - National Semiconductor (TI) |
|
14 / 24 page ![]() LM146, LM346 SNOSBH5B – MAY 2004 – REVISED SEPTEMBER 2004 www.ti.com • If resistive biasing is used to set the LM346 performance, the Qo of this filter building block is nearly insensitive to the op amp's GBW product temperature drift; it has also better noise performance than the state variable filter. Figure 35. A Simple-to-Design BP, LP Filter Building Block Circuit Synthesis Equations •For the eventual use of amplifier C, see comments above. (2) Figure 36. A 3-Amplifier Notch Filter (or Elliptic Filter Building Block) 14 Submit Documentation Feedback Copyright © 2004, Texas Instruments Incorporated Product Folder Links: LM146 LM346 |