Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM346 Fiches technique(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM346
Description  LM146/LM346 Programmable Quad Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM346 Fiches technique(HTML) 12 Page - National Semiconductor (TI)

Back Button LM346 Datasheet HTML 8Page - National Semiconductor (TI) LM346 Datasheet HTML 9Page - National Semiconductor (TI) LM346 Datasheet HTML 10Page - National Semiconductor (TI) LM346 Datasheet HTML 11Page - National Semiconductor (TI) LM346 Datasheet HTML 12Page - National Semiconductor (TI) LM346 Datasheet HTML 13Page - National Semiconductor (TI) LM346 Datasheet HTML 14Page - National Semiconductor (TI) LM346 Datasheet HTML 15Page - National Semiconductor (TI) LM346 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LM146, LM346
SNOSBH5B – MAY 2004 – REVISED SEPTEMBER 2004
www.ti.com
• The LM334 provides an ISET directly proportional to absolute temperature. This cancels the slight GBW product
Temperature coefficient of the LM346.
Figure 32. Current Source Biasing with Temperature Compensation
• For ISET1≃ISET2 resistors R1 and R2 are not required if a slight error between the 2 set currents can be tolerated. If
not, then use R1 = R2 to create a 100 mV drop across these resistors.
Figure 33. Biasing all 4 Amplifiers with Single Current Source
12
Submit Documentation Feedback
Copyright © 2004, Texas Instruments Incorporated
Product Folder Links: LM146 LM346



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24