Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM346 Fiches technique(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM346
Description  LM146/LM346 Programmable Quad Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM346 Fiches technique(HTML) 21 Page - National Semiconductor (TI)

Back Button LM346 Datasheet HTML 16Page - National Semiconductor (TI) LM346 Datasheet HTML 17Page - National Semiconductor (TI) LM346 Datasheet HTML 18Page - National Semiconductor (TI) LM346 Datasheet HTML 19Page - National Semiconductor (TI) LM346 Datasheet HTML 20Page - National Semiconductor (TI) LM346 Datasheet HTML 21Page - National Semiconductor (TI) LM346 Datasheet HTML 22Page - National Semiconductor (TI) LM346 Datasheet HTML 23Page - National Semiconductor (TI) LM346 Datasheet HTML 24Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LM346MX/NOPB
SOIC
D
16
2500
330.0
16.4
6.5
10.3
2.3
8.0
16.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
23-Sep-2013
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24