Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RG14 Fiches technique(PDF) 32 Page - Renesas Technology Corp

No de pièce RG14
Description  EEPROM Emulation Library
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RG14 Fiches technique(HTML) 32 Page - Renesas Technology Corp

Back Button RG14 Datasheet HTML 28Page - Renesas Technology Corp RG14 Datasheet HTML 29Page - Renesas Technology Corp RG14 Datasheet HTML 30Page - Renesas Technology Corp RG14 Datasheet HTML 31Page - Renesas Technology Corp RG14 Datasheet HTML 32Page - Renesas Technology Corp RG14 Datasheet HTML 33Page - Renesas Technology Corp RG14 Datasheet HTML 34Page - Renesas Technology Corp RG14 Datasheet HTML 35Page - Renesas Technology Corp RG14 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
RL78 Family
Chapter 5
User Interface
EEPROM Emulation Library Pack02
R01US0068EJ0100
Rev.1.00
Page 32 of 53
Mar. 28, 2014
Figure 5-2
Alignment of Variables of the Request Structure (eel_request_t)
5.1.1
User Write Access
(1) address_pu08
Specify the start address of the data buffer used for EEL_CMD_WRITE command and EEL_CMD_READ
command execution.
Associated command (macro name)
Setting
EEL_CMD_WRITE
Start address of the data buffer
Note 1
EEL_CMD_READ
Start address of the data buffer
Note 2
Note 1: Buffer which contains data written by the user
Note 2: Buffer which contains data read from the data flash
(2) identifier_u08
Specify the data ID used for each command. For more information about how to do this, see the description of the
EEL_Execute function in section 5.4, EEL Functions.
Associated command (macro name)
Setting
EEL_CMD_WRITE
ID of write data
EEL_CMD_READ
ID of read data
(3) command_enu
Commands to be set in the common executable function.
Associated command (macro name)
Description
EEL_CMD_STARTUP
Startup processing
EEL_CMD_WRITE
Write processing
EEL_CMD_READ
Read processing
EEL_CMD_REFRESH
Refresh processing
EEL_CMD_VERIFY
Verify processing
EEL_CMD_FORMAT
Format processing
EEL_CMD_SHUTDOWN
Shutdown processing
5.1.2
User Read Access
- status_enu
EEL status and error information. For information about the status and errors which might occur during the
execution of the functions, see the description of the EEL_Execute function in section 5.4, EEL Functions.
__near eel_u08*
address_pu08
eel_u08 identifier_u08
eel_command_t command_enu;
eel_status_t status_enu;
bit0
Bit15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56