Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RG14 Fiches technique(PDF) 19 Page - Renesas Technology Corp

No de pièce RG14
Description  EEPROM Emulation Library
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RG14 Fiches technique(HTML) 19 Page - Renesas Technology Corp

Back Button RG14 Datasheet HTML 15Page - Renesas Technology Corp RG14 Datasheet HTML 16Page - Renesas Technology Corp RG14 Datasheet HTML 17Page - Renesas Technology Corp RG14 Datasheet HTML 18Page - Renesas Technology Corp RG14 Datasheet HTML 19Page - Renesas Technology Corp RG14 Datasheet HTML 20Page - Renesas Technology Corp RG14 Datasheet HTML 21Page - Renesas Technology Corp RG14 Datasheet HTML 22Page - Renesas Technology Corp RG14 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 56 page
background image
RL78 Family
Chapter 3
EEL Functional Specifications
EEPROM Emulation Library Pack02
R01US0068EJ0100
Rev.1.00
Page 19 of 53
Mar. 28, 2014
3.2
State Transitions
To use EEPROM emulation from a user-created program, it is necessary to initialize the EEL and execute
functions that perform operations such as reading and writing on EEL blocks. Figure 3-1 shows the overall state
transitions, and Figure 3-2 shows an operation flow for using basic features. When using EEPROM emulation,
incorporate EEPROM emulation into user-created programs by following this flow.
Figure 3-1
State transitions diagram
FDL_Init()
↓
FDL_Open()
   ↓
EEL_Init()
closed
FDL_Close()
EEL_Open()
EEL_Close()
opened
Format executing
busy
Startup executing
busy
EEL_CMD_FORMAT
EEL_CMD_STARTUP
status:OK
status:ERROR
started
status:OK
ERROR Verify
EEL_CMD_FORMAT
EEPROM command executing
busy
EEL_CMD_WRITE
EEL_CMD_READ
EEL_CMD_REFRESH
EEL_CMD_VERIFY
status:OK
status:ERROR
EEL_CMD_SHUTDOWN
status:ERROR
EEL_CMD_STARTUP
Reset or Power ON
uninitialized
exhausted
EEPROM command executing
busy
EEL_CMD_READ
EEL_CMD_VERIFY
status:OK
status:ERROR
status:
ERROR
POOL_EXHAUSTED
status:
ERROR
POOL_EXHAUSTED
EEL_CMD_SHUTDOWN
Note 1:
EEL_Close and EEL_Init can be called from every state. Please note however, that this interrupts any
EEL processing and can lead to unpredictable behavior.
Note 2:
Once the EEL_CMD_FORMAT command is started, be sure to finish it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56