| Moteur de recherche de fiches techniques de composants électroniques |
|
RG14 Fiches technique(PDF) 40 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RG14 Fiches technique(HTML) 40 Page - Renesas Technology Corp |
|
40 / 56 page ![]() RL78 Family Chapter 5 User Interface EEPROM Emulation Library Pack02 R01US0068EJ0100 Rev.1.00 Page 40 of 53 Mar. 28, 2014 EEL_Close [Function] EEPROM emulation end processing This function makes the EEPROM emulation unexecutable. [Format] <C language> void __far EEL_Close(void) <Assembler> CALL !EEL_Close or CALL !!EEL_Close Remark Call this function by using ! if placing the EEL at 00000H to 0FFFFH or by using !! if not. [Pre-conditions] If EEPROM emulation was executed, the EEL_CMD_SHUTDOWN command must be used to set EEPROM emulation to the stopped state (the opened state). [Post-conditions] Execute the FDL_Close function to exit the EEPROM emulation. [Cautions] None [Register status after calling this function] No registers are corrupted. [Arguments] None [Return values] None |