| Moteur de recherche de fiches techniques de composants électroniques |
|
RL78 Fiches technique(PDF) 19 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RL78 Fiches technique(HTML) 19 Page - Renesas Technology Corp |
|
19 / 61 page ![]() RL78/G14 1. OUTLINE R01DS0053EJ0100 Rev. 1.00 Page 19 of 97 Feb 21, 2012 • 100-pin plastic LQFP (fine pitch) (14 × 20) Caution Make EVSS0, EVSS1 pins the same potential as VSS pin. Caution 1. Make VDD pin the same potential as EVDD0 pin, or the potential that is higher than the EVDD0 pin. Make EVDD1 pin the same potential as EVDD0 pin Caution 2. Connect the REGC pin to VSS pin via a capacitor (0.47 to 1 F). Remark 1. For pin identification, see 1.4 Pin Identification. Remark 2. When using the microcontroller for an application where the noise generated inside the microcontroller must be reduced, it is recommended to supply separate powers to the VDD, EVDD0 and EVDD1 pins and connect the VSS, EVSS0 and EVSS1 pins to separate ground lines. Remark 3. Functions in parentheses in the above figure can be assigned via settings in the peripheral I/O redirection register 0, 1 (PIOR0, 1). P146/(INTP4) P111 P110/(INTP11) P101 P10/SCK11/SCL11/TRDIOD1 P11/SI11/SDA11/TRDIOC1 P12/SO11/TRDIOB1/IVREF1/(INTP5) P13/TxD2/SO20/TRDIOA1/IVCMP1 P14/RxD2/SI20/SDA20/TRDIOD0/(SCLA0) P15/SCK20/SCL20/TRDIOB0/(SDAA0) P16/TI01/TO01/INTP5/TRDIOC0/IVREF0/(SI00)/(RXD0) P17/TI02/TO02/TRDIOA0/TRDCLK0/IVCMP0/(SO00)/(TXD0) P57/(INTP3) P56/(INTP1) P55/(PCLBUZ1)/(SCK00) P54/SCK31/SCL31 P53/SI31/SDA31 P52/SO31 P51/SO00/TxD0/TOOLTxD/TRGIOB P50/SI00/RxD0/TOOLRxD/SDA00/TRGIOA/(TRJO0) 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 123 456 789 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 P120/ANI19/VCOUT0 P47/INTP2 P46/INTP1 P45/SO01 P44/SI01/SDA01 P43/SCK01/SCL01 P42 P41/(TRJIO0) P40/TOOL0 RESET P124/XT2/EXCLKS P123/XT1 P137/INTP0 P122/X2/EXCLK P121/X1 REGC VSS EVSS0 VDD EVDD0 |