| Moteur de recherche de fiches techniques de composants électroniques |
|
RL78 Fiches technique(PDF) 18 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RL78 Fiches technique(HTML) 18 Page - Renesas Technology Corp |
|
18 / 61 page ![]() RL78/G14 1. OUTLINE R01DS0053EJ0100 Rev. 1.00 Page 18 of 97 Feb 21, 2012 1.3.10 100-pin products • 100-pin plastic LQFP (fine pitch) (14 × 14) Caution Make EVSS0, EVSS1 pins the same potential as VSS pin. Caution 1. Make VDD pin the same potential as EVDD0 pin, or the potential that is higher than the EVDD0 pin. Make EVDD1 pin the same potential as EVDD0 pin. Caution 2. Connect the REGC pin to VSS pin via a capacitor (0.47 to 1 F). Remark 1. For pin identification, see 1.4 Pin Identification. Remark 2. When using the microcontroller for an application where the noise generated inside the microcontroller must be reduced, it is recommended to supply separate powers to the VDD, EVDD0 and EVDD1 pins and connect the VSS, EVSS0 and EVSS1 pins to separate ground lines. Remark 3. Functions in parentheses in the above figure can be assigned via settings in the peripheral I/O redirection register 0, 1 (PIOR0, 1). 12 3 4 5 6 78 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 P81/(SI10)/(RXD1)/(SDA10) P80/(SCK10)/(SCL10) EVSS1 P05 P06/(TRJIO0) P70/KR0/SCK21/SCL21 P71/KR1/SI21/SDA21 P72/KR2/SO21 P73/KR3 P74/KR4/INTP8 P75/KR5/INTP9 P76/KR6/INTP10/(RXD2) P77/KR7/INTP11/(TXD2) P67/TI13/TO13 P66/TI12/TO12 P65/TI11/TO11 P64/TI10/TO10 P31/TI03/TO03/INTP4/(PCLBUZ0)/(TRJIO0) P63/SDAA1 P62/SSI00/SCLA1 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 45 46 47 48 49 50 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 P150/ANI8 P27/ANI7 P26/ANI6 P25/ANI5 P24/ANI4 P23/ANI3/ANO1 P22/ANI2/ANO0 P21/ANI1/AVREFM P20/ANI0/AVREFP P130 P102 P04/SCK10/SCL10 P03/ANI16/SI10/RxD1/SDA10 P02/ANI17/SO10/TxD1 P01/TO00/TRGCLKB/TRJIO0 P00/TI00/TRGCLKA/(TRJO0) P145 P144/SO30/TxD3 P143/SI30/RxD3/SDA30 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 P151/ANI9 81 P152/ANI10 80 P153/ANI11 79 P154/ANI12 78 P155/ANI13 77 P156/ANI14 76 56 55 54 53 52 51 P86/(INTP8) P85/(INTP7) P84/(INTP6) P83 P82/(SO10)/(TXD1) |