| Moteur de recherche de fiches techniques de composants électroniques |
|
RL78 Fiches technique(PDF) 14 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RL78 Fiches technique(HTML) 14 Page - Renesas Technology Corp |
|
14 / 61 page ![]() RL78/G14 1. OUTLINE R01DS0053EJ0100 Rev. 1.00 Page 14 of 97 Feb 21, 2012 1.3.8 64-pin products • 64-pin plastic LQFP (14 × 14) • 64-pin plastic LQFP (12 × 12) • 64-pin plastic LQFP (fine pitch) (10 × 10) Note Mounted on the 96 KB or more code flash memory products. Caution 1. Make EVSS0 pin the same potential as VSS pin. Caution 2. Make VDD pin the same potential as EVDD0 pin, or the potential that is higher than the EVDD0 pin. Caution 3. Connect the REGC pin to VSS pin via a capacitor (0.47 to 1 F). Remark 1. For pin identification, see 1.4 Pin Identification. Remark 2. When using the microcontroller for an application where the noise generated inside the microcontroller must be reduced, it is recommended to supply separate powers to the VDD and EVDD0 pins and connect the VSS and EVSS0 pins to separate ground lines. Remark 3. Functions in parentheses in the above figure can be assigned via settings in the peripheral I/O redirection register 0, 1 (PIOR0, 1). P27/ANI7 P26/ANI6 P25/ANI5 P24/ANI4 P23/ANI3/ANO1 Note P22/ANI2/ANO0 Note P21/ANI1/AVREFM P20/ANI0/AVREFP P130 P04/SCK10/SCL10 P03/ANI16/SI10/RxD1/SDA10 P02/ANI17/SO10/TxD1 P01/TO00/TRGCLKB/TRJIO0 P00/TI00/TRGCLKA/(TRJO0) P141/PCLBUZ1/INTP7 P140/PCLBUZ0/INTP6 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 P30/INTP3/RTC1HZ/SCK00/SCL00/TRJO0 P05/(INTP10) P06/(INTP11)/(TRJIO0) P70/KR0/SCK21/SCL21 P71/KR1/SI21/SDA21 P72/KR2/SO21 P73/KR3/SO01 P74/KR4/INTP8/SI01/SDA01 P75/KR5/INTP9/SCK01/SCL01 P76/KR6/INTP10/(RXD2) P77/KR7/INTP11/(TXD2) P31/TI03/TO03/INTP4/(PCLBUZ0)/(TRJIO0) P63 P62/SSI00 P61/SDAA0 P60/SCLA0 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 12 3 4 5 6 7 8 9 10 111213 14 15 16 |