Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PRIXP425BD Fiches technique(PDF) 56 Page - Intel Corporation

No de pièce PRIXP425BD
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

PRIXP425BD Fiches technique(HTML) 56 Page - Intel Corporation

Back Button PRIXP425BD Datasheet HTML 52Page - Intel Corporation PRIXP425BD Datasheet HTML 53Page - Intel Corporation PRIXP425BD Datasheet HTML 54Page - Intel Corporation PRIXP425BD Datasheet HTML 55Page - Intel Corporation PRIXP425BD Datasheet HTML 56Page - Intel Corporation PRIXP425BD Datasheet HTML 57Page - Intel Corporation PRIXP425BD Datasheet HTML 58Page - Intel Corporation PRIXP425BD Datasheet HTML 59Page - Intel Corporation PRIXP425BD Datasheet HTML 60Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 112 page
background image
Intel® IXP42X Product Line and IXC1100 Control Plane Processor
Package and Pinout Information
56
Datasheet
U1
PCI_AD[8]
V1
PCI_AD[5]
W1
PCI_AD[1]
Y1
N/C
U2
VCCP
V2
VSS
W2
VCCP
Y2
N/C
U3
PCI_AD[0]
V3
PCI_AD[3]
W3
N/C
Y3
N/C
U4
PCI_AD[7]
V4
VCC
W4
VSS
Y4
VCC
U5
N/C
V5
N/C
W5
N/C
Y5
VCCP
U6
VCC
V6
VSS
W6
N/C
Y6
ETH_TXEN0
U21
VCC
V21
GPIO[6]
W21
GPIO[1]
Y21
RXDATA1
U22
GPIO[14]
V22
GPIO[9]
W22
VCCP
Y22
GPIO[0]
U23
EX_RDY_N[1]
V23
VCC
W23
GPIO[8]
Y23
VCC
U24
EX_RDY_N[2]
V24
GPIO[13]
W24
VSS
Y24
GPIO[5]
U25
GPIO[15]
V25
VCCP
W25
GPIO[11]
Y25
VCCP
U26
EX_DATA[15]
V26
EX_RDY_N[3]
W26
GPIO[12]
Y26
GPIO[10]
Table 21.
Ball Map Assignment for the Intel® IXP422 Network Processor (Sheet 5 of 7)
Ball
Signal
Ball
Signal
Ball
Signal
Ball
Signal
NOTE:
Interfaces not being utilized at a system level require external pull-up or pull-down resistors. For specific details and
requirements, see Section 3.0, “Functional Signal Descriptions” on page 30.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More