| Moteur de recherche de fiches techniques de composants électroniques |
|
PRIXP425BD Fiches technique(PDF) 43 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
PRIXP425BD Fiches technique(HTML) 43 Page - Intel Corporation |
|
43 / 112 page ![]() Intel® IXP42X Product Line and IXC1100 Control Plane Processor Package and Pinout Information Datasheet 43 Figure 7. Package Markings NOTE: See Table 19 for specific on “Level 1 Name.” Table 19. Part Numbers (Sheet 1 of 2) Device Stepping Speed (MHz) Part # Intel® IXP425 Network Processor B-0 533 FWIXP425BD Intel® IXP425 Network Processor B-0 400 FWIXP425BC Intel® IXP425 Network Processor B-0 266 FWIXP425BB Intel® IXP425 Network Processor B-0 533 Extended Temperature GWIXP425BDT Intel® IXP425 Network Processor B-0 400 Extended Temperature GWIXP425BCT Intel® IXP425 Network Processor B-0 266 Extended Temperature GWIXP425BBT Intel® IXP422 Network Processor B-0 266 FWIXP422BB Intel® IXP421 Network Processor B-0 266 FWIXP421BB BSMC (ATPO#, Date Code and COO) Pin #1 (Not a mark) iFWIXP42XBX <FPO> INTEL M C 2002 Level 1 Name <ATPO> YWW KOREA BSMC marking zone: 0.380” max. * |