Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PRIXP425BD Fiches technique(PDF) 48 Page - Intel Corporation

No de pièce PRIXP425BD
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

PRIXP425BD Fiches technique(HTML) 48 Page - Intel Corporation

Back Button PRIXP425BD Datasheet HTML 44Page - Intel Corporation PRIXP425BD Datasheet HTML 45Page - Intel Corporation PRIXP425BD Datasheet HTML 46Page - Intel Corporation PRIXP425BD Datasheet HTML 47Page - Intel Corporation PRIXP425BD Datasheet HTML 48Page - Intel Corporation PRIXP425BD Datasheet HTML 49Page - Intel Corporation PRIXP425BD Datasheet HTML 50Page - Intel Corporation PRIXP425BD Datasheet HTML 51Page - Intel Corporation PRIXP425BD Datasheet HTML 52Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 112 page
background image
Intel® IXP42X Product Line and IXC1100 Control Plane Processor
Package and Pinout Information
48
Datasheet
N1
PCI_AD[11]
P1
PCI_CBE_N[0]
R1
PCI_AD[10]
T1
PCI_AD[6]
N2
VCCP
P2
PCI_AD[14]
R2
VSS
T2
PCI_TRDY_N
N3
VCC
P3
PCI_AD[13]
R3
PCI_AD[9]
T3
VSS
N4
PCI_PERR_N
P4
VSS
R4
VCC
T4
PCI_AD[2]
N5
PCI_AD[15]
P5
PCI_AD[12]
R5
PCI_AD[4]
T5
VCCP
N11
VSS
P11
VSS
R11
VSS
T11
VSS
N12
VSS
P12
VSS
R12
VSS
T12
VSS
N13
VSS
P13
VSS
R13
VSS
T13
VSS
N14
VSS
P14
VSS
R14
VSS
T14
VSS
N15
VSS
P15
VSS
R15
VSS
T15
VSS
N16
VSS
P16
VSS
R16
VSS
T16
VSS
N22
VCC
P22
EX_DATA[6]
R22
VCCP
T22
EX_RDY_N[0]
N23
VSS
P23
EX_DATA[7]
R23
VCC
T23
VSS
N24
VCC
P24
EX_DATA[8]
R24
EX_DATA[12]
T24
EX_DATA[14]
N25
EX_DATA[4]
P25
VCCP
R25
EX_DATA[11]
T25
VSS
N26
EX_DATA[5]
P26
EX_DATA[9]
R26
EX_DATA[10]
T26
EX_DATA[13]
Table 20.
Ball Map Assignment for the Intel® IXP425 Network Processor (Sheet 4 of 7)
Ball
Signal
Ball
Signal
Ball
Signal
Ball
Signal
NOTE:
Interfaces not being utilized at a system level require external pull-up or pull-down resistors. For specific details and
requirements, see Section 3.0, “Functional Signal Descriptions” on page 30.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More