Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6717 Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce L6717
Description  High-efficiency hybrid AM2r2 controller with I2C interface and embedded drivers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6717 Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button L6717 Datasheet HTML 19Page - STMicroelectronics L6717 Datasheet HTML 20Page - STMicroelectronics L6717 Datasheet HTML 21Page - STMicroelectronics L6717 Datasheet HTML 22Page - STMicroelectronics L6717 Datasheet HTML 23Page - STMicroelectronics L6717 Datasheet HTML 24Page - STMicroelectronics L6717 Datasheet HTML 25Page - STMicroelectronics L6717 Datasheet HTML 26Page - STMicroelectronics L6717 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
L6717
Hybrid CPU support and CPU_TYPE detection
Doc ID 17326 Rev 1
23/56
Table 9.
Data phase - serial VID codes
SVI [6:0]
Output
voltage
SVI [6:0]
Output
voltage
SVI [6:0]
Output
voltage
SVI [6:0]
Output
voltage
000_0000
1.5500
010_0000
1.1500
100_0000
0.7500
110_0000
0.3500
000_0001
1.5375
010_0001
1.1375
100_0001
0.7375
110_0001
0.3375
000_0010
1.5250
010_0010
1.1250
100_0010
0.7250
110_0010
0.3250
000_0011
1.5125
010_0011
1.1125
100_0011
0.7125
110_0011
0.3125
000_0100
1.5000
010_0100
1.1000
100_0100
0.7000
110_0100
0.3000
000_0101
1.4875
010_0101
1.0875
100_0101
0.6875
110_0101
0.2875
000_0110
1.4750
010_0110
1.0750
100_0110
0.6750
110_0110
0.2750
000_0111
1.4625
010_0111
1.0625
100_0111
0.6625
110_0111
0.2625
000_1000
1.4500
010_1000
1.0500
100_1000
0.6500
110_1000
0.2500
000_1001
1.4375
010_1001
1.0375
100_1001
0.6375
110_1001
0.2375
000_1010
1.4250
010_1010
1.0250
100_1010
0.6250
110_1010
0.2250
000_1011
1.4125
010_1011
1.0125
100_1011
0.6125
110_1011
0.2125
000_1100
1.4000
010_1100
1.0000
100_1100
0.6000
110_1100
0.2000
000_1101
1.3875
010_1101
0.9875
100_1101
0.5875
110_1101
0.1875
000_1110
1.3750
010_1110
0.9750
100_1110
0.5750
110_1110
0.1750
000_1111
1.3625
010_1111
0.9625
100_1111
0.5625
110_1111
0.1625
001_0000
1.3500
011_0000
0.9500
101_0000
0.5500
111_0000
0.1500
001_0001
1.3375
011_0001
0.9375
101_0001
0.5375
111_0001
0.1375
001_0010
1.3250
011_0010
0.9250
101_0010
0.5250
111_0010
0.1250
001_0011
1.3125
011_0011
0.9125
101_0011
0.5125
111_0011
0.1125
001_0100
1.3000
011_0100
0.9000
101_0100
0.5000
111_0100
0.1000
001_0101
1.2875
011_0101
0.8875
101_0101
0.4875
111_0101
0.0875
001_0110
1.2750
011_0110
0.8750
101_0110
0.4750
111_0110
0.0750
001_0111
1.2625
011_0111
0.8625
101_0111
0.4625
111_0111
0.0625
001_1000
1.2500
011_1000
0.8500
101_1000
0.4500
111_1000
0.0500
001_1001
1.2375
011_1001
0.8375
101_1001
0.4375
111_1001
0.0375
001_1010
1.2250
011_1010
0.8250
101_1010
0.4250
111_1010
0.0250
001_1011
1.2125
011_1011
0.8125
101_1011
0.4125
111_1011
0.0125
001_1100
1.2000
011_1100
0.8000
101_1100
0.4000
111_1100
OFF
001_1101
1.1875
011_1101
0.7875
101_1101
0.3875
111_1101
OFF
001_1110
1.1750
011_1110
0.7750
101_1110
0.3750
111_1110
OFF
001_1111
1.1625
011_1111
0.7625
101_1111
0.3625
111_1111
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56