Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6717 Fiches technique(PDF) 17 Page - STMicroelectronics

No de pièce L6717
Description  High-efficiency hybrid AM2r2 controller with I2C interface and embedded drivers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6717 Fiches technique(HTML) 17 Page - STMicroelectronics

Back Button L6717 Datasheet HTML 13Page - STMicroelectronics L6717 Datasheet HTML 14Page - STMicroelectronics L6717 Datasheet HTML 15Page - STMicroelectronics L6717 Datasheet HTML 16Page - STMicroelectronics L6717 Datasheet HTML 17Page - STMicroelectronics L6717 Datasheet HTML 18Page - STMicroelectronics L6717 Datasheet HTML 19Page - STMicroelectronics L6717 Datasheet HTML 20Page - STMicroelectronics L6717 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
L6717
Electrical specifications
Doc ID 17326 Rev 1
17/56
VOC_TOT
CORE OC
2.425
2.500
2.575
V
kIILIM
ILIM = 0μA0
4
μA
ILIM = 100μA100
μA
1.
Parameter(s) guaranteed by designed, not fully tested in production
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56