Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

I2CTRN Fiches technique(PDF) 200 Page - Microchip Technology

No de pièce I2CTRN
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

I2CTRN Fiches technique(HTML) 200 Page - Microchip Technology

Back Button I2CTRN Datasheet HTML 196Page - Microchip Technology I2CTRN Datasheet HTML 197Page - Microchip Technology I2CTRN Datasheet HTML 198Page - Microchip Technology I2CTRN Datasheet HTML 199Page - Microchip Technology I2CTRN Datasheet HTML 200Page - Microchip Technology I2CTRN Datasheet HTML 201Page - Microchip Technology I2CTRN Datasheet HTML 202Page - Microchip Technology I2CTRN Datasheet HTML 203Page - Microchip Technology I2CTRN Datasheet HTML 204Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 210 page
background image
dsPIC30F2011/2012/3012/3013
DS70139G-page 200
© 2010 Microchip Technology Inc.
Revision G (November 2010)
This
revision
includes
minor
typographical
and
formatting changes throughout the data sheet text.
The major changes are referenced by their respective
section in Table A-1.
TABLE A-1:
MAJOR SECTION UPDATES
Section Name
Update Description
“High-Performance, 16-Bit Digital
Signal Controllers”
Added Note 1 to all QFN pin diagrams (see “Pin Diagrams”).
Section 1.0 “Device Overview”
Updated the Pinout I/O Descriptions for AVDD and AVSS (see Table 1-1).
Section 17.0 “System Integration”
Added a shaded note on OSCTUN functionality in Section 17.2.5 “Fast RC
Oscillator (FRC)”.
Section 20.0 “Electrical
Characteristics”
Updated the maximum value for parameter DI19 and the minimum value for
parameter DI29 in the I/O Pin Input Specifications (see Table 20-8).
Removed parameter D136 and updated the minimum, typical, maximum,
and conditions for parameters D122 and D134 in the Program and
EEPROM specifications (see Table 20-12).
Renamed parameter AD56 to AD56a and added parameter AD56b to the
12-bit A/D Conversion Timing Requirements (see Table 20-37).
“Product Identification System”
Added the “MM” package definition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More