Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

I2CTRN Fiches technique(PDF) 12 Page - Microchip Technology

No de pièce I2CTRN
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

I2CTRN Fiches technique(HTML) 12 Page - Microchip Technology

Back Button I2CTRN Datasheet HTML 8Page - Microchip Technology I2CTRN Datasheet HTML 9Page - Microchip Technology I2CTRN Datasheet HTML 10Page - Microchip Technology I2CTRN Datasheet HTML 11Page - Microchip Technology I2CTRN Datasheet HTML 12Page - Microchip Technology I2CTRN Datasheet HTML 13Page - Microchip Technology I2CTRN Datasheet HTML 14Page - Microchip Technology I2CTRN Datasheet HTML 15Page - Microchip Technology I2CTRN Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 210 page
background image
dsPIC30F2011/2012/3012/3013
DS70139G-page 12
© 2010 Microchip Technology Inc.
FIGURE 1-1:
dsPIC30F2011 BLOCK DIAGRAM
Power-up
Timer
Oscillator
Start-up Timer
POR/BOR
Reset
Watchdog
Timer
Instruction
Decode &
Control
OSC1/CLKI
MCLR
VDD, VSS
PGD/EMUD/AN4/U1TX/SDO1/SCL/CN6/RB4
Low-Voltage
Detect
UART1
Timing
Generation
PGC/EMUC/AN5/U1RX/SDI1/SDA/CN7/RB5
16
PCH
PCL
Program Counter
ALU<16>
16
24
24
24
24
X Data Bus
IR
I2C™
AN6/SCK1/INT0/OCFA/RB6
EMUD2/AN7/OC2/IC2/INT2/RB7
PCU
12-bit ADC
Timers
Input
Capture
Module
Output
Compare
Module
EMUC1/SOSCO/T1CK/U1ARX/CN0/RC14
EMUD1/SOSCI/T2CK/U1ATX/CN1/RC13
PORTB
PORTD
16
16
16
16 x 16
W Reg Array
Divide
Unit
Engine
DSP
Decode
ROM Latch
16
Y Data Bus
Effective Address
X RAGU
X WAGU
Y AGU
EMUD3/AN0/VREF+/CN2/RB0
EMUC3/AN1/VREF-/CN3/RB1
AN2/SS1/LVDIN/CN4/RB2
AN3/CN5/RB3
OSC2/CLKO/RC15
AVDD, AVSS
16
16
16
16
16
PORTC
16
16
16
16
8
Interrupt
Controller
PSV & Table
Data Access
Control Block
Stack
Control
Logic
Loop
Control
Logic
Data Latch
Data Latch
Y Data
(512 bytes)
RAM
X Data
(512 bytes)
RAM
Address
Latch
Address
Latch
EMUC2/OC1/IC1/INT1/RD0
16
SPI1
Address Latch
Program Memory
(12 Kbytes)
Data Latch
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More