Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

I2CTRN Fiches technique(PDF) 61 Page - Microchip Technology

No de pièce I2CTRN
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

I2CTRN Fiches technique(HTML) 61 Page - Microchip Technology

Back Button I2CTRN Datasheet HTML 57Page - Microchip Technology I2CTRN Datasheet HTML 58Page - Microchip Technology I2CTRN Datasheet HTML 59Page - Microchip Technology I2CTRN Datasheet HTML 60Page - Microchip Technology I2CTRN Datasheet HTML 61Page - Microchip Technology I2CTRN Datasheet HTML 62Page - Microchip Technology I2CTRN Datasheet HTML 63Page - Microchip Technology I2CTRN Datasheet HTML 64Page - Microchip Technology I2CTRN Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 210 page
background image
TABLE 7-1:
PORTB REGISTER MAP FOR dsPIC30F2011/3012
TABLE 7-2:
PORTB REGISTER MAP FOR dsPIC30F2012/3013
TABLE 7-3:
PORTC REGISTER MAP FOR dsPIC30F2011/2012/3012/3013
TABLE 7-4:
PORTD REGISTER MAP FOR dsPIC30F2011/3012
SFR
Name
Addr.
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset State
TRISB
02C6
—
—
—
—
—
—
—
—
TRISB7
TRISB6
TRISB5
TRISB4
TRISB3 TRISB2 TRISB1 TRISB0
0000 0000 1111 1111
PORTB
02C8
—
—
—
—
—
—
—
—
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
0000 0000 0000 0000
LATB
02CB
—
—
—
—
—
—
—
—
LATB7
LATB6
LATB5
LATB4
LATB3
LATB2
LATB1
LATB0
0000 0000 0000 0000
Legend:
— = unimplemented bit, read as ‘0’
SFR
Name
Addr.
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset State
TRISB
02C6
—
—
—
—
—
—
TRISB9
TRISB8
TRISB7
TRISB6
TRISB5
TRISB4
TRISB3 TRISB2 TRISB1 TRISB0
0000 0011 1111 1111
PORTB
02C8
—
—
—
—
—
—
RB9
RB8
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
0000 0000 0000 0000
LATB
02CB
—
—
—
—
—
—
LATB9
LATB8
LATB7
LATB6
LATB5
LATB4
LATB3
LATB2
LATB1
LATB0
0000 0000 0000 0000
Legend:
— = unimplemented bit, read as ‘0’
SFR
Name
Addr.
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset State
TRISC
02CC
TRISC15
TRISC14 TRISC13
—
—
—
—
—
—
—
—
—
—
—
—
—
1110 0000 0000 0000
PORTC
02CE
RC15
RC14
RC13
—
—
—
—
—
—
—
—
—
—
—
—
—
0000 0000 0000 0000
LATC
02D0
LATC15
LATC14
LATC13
—
—
—
—
—
—
—
—
—
—
—
—
—
0000 0000 0000 0000
Legend:
— = unimplemented bit, read as ‘0’
SFR
Name
Addr.
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset State
TRISD
02D2
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—TRISD0 0000 0000 0000 0001
PORTD
02D4
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
RD0
0000 0000 0000 0000
LATD
02D6
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—LATD0
0000 0000 0000 0000
Legend:
— = unimplemented bit, read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More