Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

I2CTRN Fiches technique(PDF) 47 Page - Microchip Technology

No de pièce I2CTRN
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

I2CTRN Fiches technique(HTML) 47 Page - Microchip Technology

Back Button I2CTRN Datasheet HTML 43Page - Microchip Technology I2CTRN Datasheet HTML 44Page - Microchip Technology I2CTRN Datasheet HTML 45Page - Microchip Technology I2CTRN Datasheet HTML 46Page - Microchip Technology I2CTRN Datasheet HTML 47Page - Microchip Technology I2CTRN Datasheet HTML 48Page - Microchip Technology I2CTRN Datasheet HTML 49Page - Microchip Technology I2CTRN Datasheet HTML 50Page - Microchip Technology I2CTRN Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 210 page
background image
© 2010 Microchip Technology Inc.
DS70139G-page 47
dsPIC30F2011/2012/3012/3013
FIGURE 4-2:
BIT-REVERSED ADDRESS EXAMPLE
TABLE 4-2:
BIT-REVERSED ADDRESS SEQUENCE (16-ENTRY)
TABLE 4-3:
BIT-REVERSED ADDRESS MODIFIER VALUES FOR XBREV REGISTER
Normal Address
Bit-Reversed Address
A3
A2
A1
A0
Decimal
A3
A2
A1
A0
Decimal
0
000
0
0000
0
0
001
1
1000
8
0
010
2
0100
4
0
011
3
1100
12
0
100
4
0010
2
0
101
5
1010
10
0
110
6
0110
6
0
111
7
1110
14
1
000
8
0001
1
1
001
9
1001
9
1
010
10
0101
5
1
011
11
1101
13
1
100
12
0011
3
1
101
13
1011
11
1
110
14
0111
7
1
111
15
1111
15
Buffer Size (Words)
XB<14:0> Bit-Reversed Address Modifier Value
1024
0x0200
512
0x0100
256
0x0080
128
0x0040
64
0x0020
32
0x0010
16
0x0008
8
0x0004
4
0x0002
2
0x0001
b3 b2 b1
0
b2 b3 b4
0
Bit Locations Swapped Left-to-Right
Around Center of Binary Value
Bit-Reversed Address
XB = 0x0008 for a 16-word Bit-Reversed Buffer
b7 b6 b5 b1
b7 b6 b5 b4
b11 b10 b9 b8
b11 b10 b9 b8
b15 b14 b13 b12
b15 b14 b13 b12
Sequential Address
Pivot Point



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More