| Moteur de recherche de fiches techniques de composants électroniques |
|
AT45 Fiches technique(PDF) 16 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT45 Fiches technique(HTML) 16 Page - ATMEL Corporation |
|
16 / 20 page ![]() AT45DB011 16 X (Don’t Care) r (reserved bits) Table 2 Buffer to Main Memory Page Program with Built-In Erase Buffer to Main Memory Page Program without Built-In Erase Page Erase Block Erase Main Memory Page Program Through Buffer Auto Page Rewrite Through Buffer Status Register Opcode 83H 88H 81H 50H 82H 58H 57H 11 1 0 1 0 0 00 0 1 0 1 1 00 0 0 0 0 0 00 0 1 0 1 1 01 0 0 0 1 0 00 0 0 0 0 1 10 0 0 1 0 1 10 1 0 0 0 1 rr r r r r rr r r r r rr r r r r rr r r r r rr r r r r rr r r r r PA8 PA8 PA8 PA8 PA8 PA8 PA7 PA7 PA7 PA7 PA7 PA7 PA6 PA6 PA6 PA6 PA6 PA6 PA5 PA5 PA5 PA5 PA5 PA5 PA4 PA4 PA4 PA4 PA4 PA4 PA3 PA3 PA3 PA3 PA3 PA3 PA2 PA2 PA2 X PA2 PA2 PA1 PA1 PA1 X PA1 PA1 PA0 PA0 PA0 X PA0 PA0 X X X X BFA8 X X X X X BFA7 X X X X X BFA6 X X X X X BFA5 X X X X X BFA4 X X X X X BFA3 X X X X X BFA2 X X X X X BFA1 X X X X X BFA0 X |