| Moteur de recherche de fiches techniques de composants électroniques |
|
AT45 Fiches technique(PDF) 11 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT45 Fiches technique(HTML) 11 Page - ATMEL Corporation |
|
11 / 20 page ![]() AT45DB011 11 Each transition represents 8 bits and 8 clock cycles Write Operations The following block diagram and waveforms illustrate the various write sequences available. Main Memory Page Program through Buffer Buffer Write Buffer to Main Memory Page Program (Data from Buffer Programmed into Flash Page) FLASH MEMORY ARRAY PAGE (264 BYTES) BUFFER (264 BYTES) I/O INTERFACE SI BUFFER TO MAIN MEMORY PAGE PROGRAM MAIN MEMORY PAGE PROGRAM THROUGH BUFFER BUFFER WRITE SI CMD n n+1 Last Byte · Completes writing into buffer · Starts self-timed erase/program operation CS r ···r , PA8-7 PA6-0, BFA8 BFA7-0 SI CMD X X···X, BFA8 BFA7-0 n n+1 Last Byte · Completes writing into buffer CS SI CMD PA6-0, X X CS Starts self-timed erase/program operation r ···r , PA8-7 n = 1st byte written n+1 = 2nd byte written |