| Moteur de recherche de fiches techniques de composants électroniques |
|
AT45 Fiches technique(PDF) 10 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT45 Fiches technique(HTML) 10 Page - ATMEL Corporation |
|
10 / 20 page ![]() AT45DB011 10 Reset Timing (Inactive Clock Polarity Low Shown) Command Sequence for Read/Write Operations (Except Status Register Read) Notes: 1. “r” designates bits reserved for larger densities. 2. It is recommended that “r” be a logical “0”. 3. For densities larger than 1M bit, the “r” bits become the most significant Page Address bit for the appropriate density. CS SCK RESET SO HIGH IMPEDANCE HIGH IMPEDANCE SI tRST tREC tCSS SI CMD 8 bits 8 bits 8 bits MSB Reserved for larger densities Page Address (PA8-PA0) Byte/Buffer Address (BA8-BA0/BFA8-BFA0) LSB r r r r r r X X X X X X X X X X X X X X X X X X |