| Moteur de recherche de fiches techniques de composants électroniques |
|
AS8525 Fiches technique(PDF) 32 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS8525 Fiches technique(HTML) 32 Page - ams AG |
|
32 / 38 page ![]() www.ams.com/AS8525 Revision 2.3 31 - 37 AS8525 Datasheet - Application In form atio n Figure 20. Timing for Writing Figure 21. Timing for Reading 8.9 Configuration and Diagnostic Registers The serial interface can be used for communication between AS8525 and an external microcontroller. The device is only a slave and the microcontroller has to initiate the communication. The device can be configured by writing into the control registers and the diagnostic information can be read out from the diagnostic registers. CS SDI SDO SCLK ... ... ... t CPS t CPHD t DIS t DIH CLK polarity DATAI DATAI DATAI ... t CSH t SCLKH t SCLKL CS SCLK SDI SDO t DOHZ t DOD DATAI DATAI DATAO (D7) DATAO (D0) t SCLKH t SCLKL |