Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS8525 Fiches technique(PDF) 28 Page - ams AG

No de pièce AS8525
Description  LIN Transceiver with Voltage Regulators, Programmable Gain High Side Amplifier, and Voltage Attenuator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS8525 Fiches technique(HTML) 28 Page - ams AG

Back Button AS8525 Datasheet HTML 24Page - ams AG AS8525 Datasheet HTML 25Page - ams AG AS8525 Datasheet HTML 26Page - ams AG AS8525 Datasheet HTML 27Page - ams AG AS8525 Datasheet HTML 28Page - ams AG AS8525 Datasheet HTML 29Page - ams AG AS8525 Datasheet HTML 30Page - ams AG AS8525 Datasheet HTML 31Page - ams AG AS8525 Datasheet HTML 32Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
www.ams.com/AS8525
Revision 2.3
27 - 37
AS8525
Datasheet - Application In form atio n
Figure 14. Enable Interface
If the application doesn’t need the low-power modes of the device, a direct connection of EN to VCC is possible. In this case the AS8525
operates in permanent normal mode. Also possible is the external (outside of the module) control of the EN line via VSUP signal as shown
below.
Figure 15. EN Connection for Permanent Normal Mode
+
+
VCC
RESET
TX
RX
EN
VSUP
LIN
VSS
MCU
+5V
CLOAD
VBAT
CIN
VBAT
+
+
VCC
RESET
TX
RX
EN
VSUP
LIN
VSS
MCU
+5V
CLOAD
VBAT
CIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38