Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS8515 Fiches technique(PDF) 61 Page - ams AG

No de pièce AS8515
Description  Data Acquisition System with Power Management and LIN Transceiver for 12V Battery Sensor Applications
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS8515 Fiches technique(HTML) 61 Page - ams AG

Back Button AS8515 Datasheet HTML 57Page - ams AG AS8515 Datasheet HTML 58Page - ams AG AS8515 Datasheet HTML 59Page - ams AG AS8515 Datasheet HTML 60Page - ams AG AS8515 Datasheet HTML 61Page - ams AG AS8515 Datasheet HTML 62Page - ams AG AS8515 Datasheet HTML 63Page - ams AG AS8515 Datasheet HTML 64Page - ams AG AS8515 Datasheet HTML 65Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 61 / 65 page
background image
www.ams.com
Revision 0.7
61 - 65
AS8515
Datasheet - Packa ge Drawin gs and Ma rk ings
11 Package Drawings and Markings
The devices are available in a 32-pin MLF (5x5 mm) package.
Figure 34. Package Drawings and Dimensions
AS8515
YYWWVZZ
@



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65