Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS8515 Fiches technique(PDF) 49 Page - ams AG

No de pièce AS8515
Description  Data Acquisition System with Power Management and LIN Transceiver for 12V Battery Sensor Applications
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS8515 Fiches technique(HTML) 49 Page - ams AG

Back Button AS8515 Datasheet HTML 45Page - ams AG AS8515 Datasheet HTML 46Page - ams AG AS8515 Datasheet HTML 47Page - ams AG AS8515 Datasheet HTML 48Page - ams AG AS8515 Datasheet HTML 49Page - ams AG AS8515 Datasheet HTML 50Page - ams AG AS8515 Datasheet HTML 51Page - ams AG AS8515 Datasheet HTML 52Page - ams AG AS8515 Datasheet HTML 53Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 65 page
background image
www.ams.com
Revision 0.7
49 - 65
AS8515
Datasheet - 4-Wi re SP I Interf ace
Status Registers
04
STATUS_REG
0000_0000
R
D[7]
NOM1/NOM2 Data Ready
D[6]
NOM2 Threshold Crossover
D[5]
SBM1 Data Ready
D[4]
SBM2 Threshold Crossover
D[3]
APOR status
D[2]
Data from current channel updated
D[1]
Data from voltage channel updated
D[0]
Reserved
Table 49. Control Registers
Addr in
HEX
Register Name
POR Value
R/W
8-bit Control / Status Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65