Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS8515 Fiches technique(PDF) 58 Page - ams AG

No de pièce AS8515
Description  Data Acquisition System with Power Management and LIN Transceiver for 12V Battery Sensor Applications
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS8515 Fiches technique(HTML) 58 Page - ams AG

Back Button AS8515 Datasheet HTML 54Page - ams AG AS8515 Datasheet HTML 55Page - ams AG AS8515 Datasheet HTML 56Page - ams AG AS8515 Datasheet HTML 57Page - ams AG AS8515 Datasheet HTML 58Page - ams AG AS8515 Datasheet HTML 59Page - ams AG AS8515 Datasheet HTML 60Page - ams AG AS8515 Datasheet HTML 61Page - ams AG AS8515 Datasheet HTML 62Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 65 page
background image
www.ams.com
Revision 0.7
58 - 65
AS8515
Datasheet - 4-Wi re SP I Interf ace
Digital Signal path control registers for Voltage Channel
45
DEC_REG_R1_V
0100_ 0101
R/W
D[7]
Selection of Decimation ratio for Voltage/Temperature
channel.
Default is 0 (Down Sampling Rate is 64)
0
Down Sampling Rate is 64
1
Down Sampling Rate is 128
D[6:5]
Division of oversampling clock, which is used as
Chopper Clock. Default is 10 (divide by 512)
00
Chopper Clock Always High
01
Divide by 256
10
Divide by 512
11
Divide by 1024
D[4:1]
Decimation ratio of CIC2. Default is 0010 (4)
0000
1
0001
2
0010
4
0011
8
0100
16
0101
32
0110
64
0111
128
1000
256
1001
512
1010
1024
1011
2048
1100
4096
1101
8192
1110
16384
1111
32768
D[0]
CIC1 Saturation Interrupt Mask Control.
Default is 1
0Unmasked
1Masked
Table 49. Control Registers
Addr in
HEX
Register Name
POR Value
R/W
8-bit Control / Status Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65