Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5262 Fiches technique(PDF) 36 Page - ams AG

No de pièce AS5262
Description  12-Bit Magnetic Angle Position Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5262 Fiches technique(HTML) 36 Page - ams AG

Back Button AS5262 Datasheet HTML 29Page - ams AG AS5262 Datasheet HTML 30Page - ams AG AS5262 Datasheet HTML 31Page - ams AG AS5262 Datasheet HTML 32Page - ams AG AS5262 Datasheet HTML 33Page - ams AG AS5262 Datasheet HTML 34Page - ams AG AS5262 Datasheet HTML 35Page - ams AG AS5262 Datasheet HTML 36Page - ams AG AS5262 Datasheet HTML 37Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 36 / 37 page
background image
AS5262
Datasheet - Orderin g Info r m ation
www.ams.com
Revision 1.1
35 - 36
11 Ordering Information
The devices are available as the standard products shown in Table 18.
Note: All products are RoHS compliant and ams green.
Buy our products or get free samples online at www.ams.com/ICdirect
Technical Support is available at www.ams.com/Technical-Support
For further information and requests, email us at sales@ams.com
(or) find your local distributor at www.ams.com/distributor
Table 18. Ordering Information
Ordering Code
Description
Delivery Form
Package
AS5262-HMFP
12-bit programmable redundant angle position sensor with analog outputs
Tape&Reel
MLF 16 6x6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37