Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5262 Fiches technique(PDF) 13 Page - ams AG

No de pièce AS5262
Description  12-Bit Magnetic Angle Position Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5262 Fiches technique(HTML) 13 Page - ams AG

Back Button AS5262 Datasheet HTML 9Page - ams AG AS5262 Datasheet HTML 10Page - ams AG AS5262 Datasheet HTML 11Page - ams AG AS5262 Datasheet HTML 12Page - ams AG AS5262 Datasheet HTML 13Page - ams AG AS5262 Datasheet HTML 14Page - ams AG AS5262 Datasheet HTML 15Page - ams AG AS5262 Datasheet HTML 16Page - ams AG AS5262 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
AS5262
Datasheet - Detailed Descr i p ti on
www.ams.com
Revision 1.1
12 - 36
8.2.5 Multiple Slope Output
The AS5262 can be programmed to multiple slopes. Where one programmed reference slope characteristic is copied to multiple slopes. Two,
three and four slopes are selectable by the user OTP bits QUADEN (1:0). In addition to the steepness of the slope the clamping levels can be
programmed as well.
Figure 8. Two Slope Mode
Figure 9. Four Slope Mode
0
100 % VDD
360
0
100 % VDD
360



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37