Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5048 Fiches technique(PDF) 29 Page - ams AG

No de pièce AS5048
Description  Magnetic Rotary Encoder 14-bit Angular Position Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5048 Fiches technique(HTML) 29 Page - ams AG

Back Button AS5048 Datasheet HTML 22Page - ams AG AS5048 Datasheet HTML 23Page - ams AG AS5048 Datasheet HTML 24Page - ams AG AS5048 Datasheet HTML 25Page - ams AG AS5048 Datasheet HTML 26Page - ams AG AS5048 Datasheet HTML 27Page - ams AG AS5048 Datasheet HTML 28Page - ams AG AS5048 Datasheet HTML 29Page - ams AG AS5048 Datasheet HTML 30Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
Revision 1.3
www.austriamicrosystems.com/AS504 8
Page 28 of 29
AS5048A/AS5048B
Magnetic Rotary Encoder
14-bit Angular Position Sensor
Datasheet
7
Ordering Information
Model
Description
Delivery
Form
Package
AS5048A-HTSP
14 –Bit Programmable Magnetic Rotary Encoder
with SPI-Interface
Tape&Reel
TSSOP 14
AS5048B-HTSP
14 –Bit Programmable Magnetic Rotary Encoder
with I2C-Interface
Tape&Reel
TSSOP 14
Ta ble 18: Ordering Information
8
Revision History
Revision
Date
Owner
Description
1.0
10-April-2012
mub
Initial revision
1.1
16-April-2012
mub
Minor correction text
1.2
09-May-2012
mub
Default pin configuration added. Minor text corrections
1.3
20-June-2012
mub
I2C Slave address explanation. Minor corrections.
www.austriamicrosystems.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30