| Moteur de recherche de fiches techniques de composants électroniques |
|
AS5048 Fiches technique(PDF) 24 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5048 Fiches technique(HTML) 24 Page - ams AG |
|
24 / 30 page ![]() Revision 1.3 www.austriamicrosystems.com/AS504 8 Page 23 of 29 AS5048A/AS5048B Magnetic Rotary Encoder 14-bit Angular Position Sensor Datasheet Figure 1 4 PWM Form at Parameter Symbol Value Unit PW M – Period T_PW M 4119 T_PWM_BIT PW M – Bit Time T_PW M_BIT 1 T_OSC PW M Resolution N_PW M 4096 bit Table 17 PWM Period and resolution 5 Package Drawings and Markings Package type: TSSOP14 Figure 15 Package Marking 5.1.1 Assembly Lot Code The assembly lot code for standard “YYWWIZZ” is composed as follows: X - Interface type: A=SPI / B=I2C YY - Year WW - Week I - Plant identification letter ZZ - Letters for free traceability |