Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5048 Fiches technique(PDF) 14 Page - ams AG

No de pièce AS5048
Description  Magnetic Rotary Encoder 14-bit Angular Position Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5048 Fiches technique(HTML) 14 Page - ams AG

Back Button AS5048 Datasheet HTML 10Page - ams AG AS5048 Datasheet HTML 11Page - ams AG AS5048 Datasheet HTML 12Page - ams AG AS5048 Datasheet HTML 13Page - ams AG AS5048 Datasheet HTML 14Page - ams AG AS5048 Datasheet HTML 15Page - ams AG AS5048 Datasheet HTML 16Page - ams AG AS5048 Datasheet HTML 17Page - ams AG AS5048 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
Revision 1.3
www.a ustriamicrosystems.com
Page 13 of 2 9
AS5048A/AS5048B
Magnetic Rotary Encoder
14-bit Angular Position Sensor
Datasheet
Daisy Chain, 4 Wire
Figure 8 Daisy Chain, 4 Wire
4.2.4
SPI Communication Command Package
Every command sent to the AS5048A is represented with the following layout.
Command Package
Bit
MSB
14
13
12
11
10
9
8
7
6
5
4
3
2
1
LSB
PAR
RWn
Address<13:0>
Bit Definition & Description
PAR
Parity bit (EVEN)
RWn
Indicates read(1) or write(0) command
Address
14 bit address code
Table 8 SPI Com mand Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30