Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3675 Fiches technique(PDF) 62 Page - ams AG

No de pièce AS3675
Description  Flexible Lighting Management Unit
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS3675 Fiches technique(HTML) 62 Page - ams AG

Back Button AS3675 Datasheet HTML 58Page - ams AG AS3675 Datasheet HTML 59Page - ams AG AS3675 Datasheet HTML 60Page - ams AG AS3675 Datasheet HTML 61Page - ams AG AS3675 Datasheet HTML 62Page - ams AG AS3675 Datasheet HTML 63Page - ams AG AS3675 Datasheet HTML 64Page - ams AG AS3675 Datasheet HTML 65Page - ams AG AS3675 Datasheet HTML 66Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 81 page
background image
www.austriamicrosystems.com/AS3675
1v3
61 - 80
AS3675
Datasheet - D e ta i l e d D e s c r i p t i o n
Figure 30. AGC curve A (x-axis: input amplitude, y-axis: output amplitude; actual value: gain between output to
input)
Figure 31. AGC curve B (x-axis: input amplitude, y-axis: output amplitude; actual value: gain between output to
input)
Figure 32. AGC curve C (x-axis: input amplitude, y-axis: output amplitude; actual value: gain between output to
input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81