Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3675 Fiches technique(PDF) 60 Page - ams AG

No de pièce AS3675
Description  Flexible Lighting Management Unit
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS3675 Fiches technique(HTML) 60 Page - ams AG

Back Button AS3675 Datasheet HTML 56Page - ams AG AS3675 Datasheet HTML 57Page - ams AG AS3675 Datasheet HTML 58Page - ams AG AS3675 Datasheet HTML 59Page - ams AG AS3675 Datasheet HTML 60Page - ams AG AS3675 Datasheet HTML 61Page - ams AG AS3675 Datasheet HTML 62Page - ams AG AS3675 Datasheet HTML 63Page - ams AG AS3675 Datasheet HTML 64Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 81 page
background image
www.austriamicrosystems.com/AS3675
1v3
59 - 80
AS3675
Datasheet - D e ta i l e d D e s c r i p t i o n
Figure 28. Audio controlled LED digital processing internal circuit
These three output channels (ch1, ch2, ch3) can be routed to any of the current sources according to Figure 27.
The digital processing can be done in two different operating modes (defined by the register bit freq_mode):
8.8.1
Amplitude Mode
This mode is selected by freq_mode=0.
The input amplitude is mapped into different colors for RGB LED(s) or brightness for single color LED(s). The mapping
is controlled by the register audio_color. If audio_color = 000, then the mapping is done as follows:
Very low amplitudes are mapped to black, for higher amplitudes, the color smoothly transitions from blue, green, cyan,
yellow, red and eventually to white (for high input amplitudes).
 






 
   



 
  



 
   !



 
 
 
"
"
"!
# $%

   & 
 $ ' ( & 
#

%

 % 
%) 
 % 
%) 
# *+ +!,%*-+-++ +-++ ,
  ))'
% 
AS3675



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81