Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1747 Fiches technique(PDF) 4 Page - ams AG

No de pièce AS1747
Description  Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS1747 Fiches technique(HTML) 4 Page - ams AG

  AS1747 Datasheet HTML 1Page - ams AG AS1747 Datasheet HTML 2Page - ams AG AS1747 Datasheet HTML 3Page - ams AG AS1747 Datasheet HTML 4Page - ams AG AS1747 Datasheet HTML 5Page - ams AG AS1747 Datasheet HTML 6Page - ams AG AS1747 Datasheet HTML 7Page - ams AG AS1747 Datasheet HTML 8Page - ams AG AS1747 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
www.austriamicrosystems.com/Analog-Switches/AS1747-50
Revision 1.02
3 - 16
AS1747, AS1748, AS1749, AS1750
Datasheet - P i n o u t
Pin Assignment
Figure 3. Pin Assignments (Top View) for AS1748/AS1750
Pin Description
Table 2. Pin Description for AS1748/AS1750
Pin Name
TQFN
Description
COM1
1
Analog Switch 1 - Common Terminal
NC1
2
Analog Switch 1 - Normally Closed Terminal
IN1
3
Digital Control Input for Analog Switch 1. A logic LOW on IN1 connects
COM1 to NC1 and a logic HIGH connects COM1 to NO1.
CMP-
4
Comparator Inverting Input
GND
5
Ground
IN2
6
Digital Control Input for Analog Switch 2. A logic LOW on IN2 connects
COM2 to NC2 and a logic HIGH connects COM2 to NO2.
NC2
7
Analog Switch 2 - Normally Closed Terminal
COM2
8
Analog Switch 2 - Common Terminal
NO2
9
Analog Switch 2 - Normally Open Terminal
CMPO
10
Comparator Output
VCC
11
Positive-Supply Voltage Input
NO1
12
Analog Switch 1 - Normally Open Terminal
EP
EP
Exposed pad. Connect to GND.
1
2
3
45
6
7
8
9
10
11
12
COM1
NC1
IN1
COM2
NO2
NC2
CMP-
GND
IN2
NO1
VCC
CMPO
+
V+/3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17