| Moteur de recherche de fiches techniques de composants électroniques |
|
AS1747 Fiches technique(PDF) 15 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS1747 Fiches technique(HTML) 15 Page - ams AG |
|
15 / 17 page ![]() www.austriamicrosystems.com/Analog-Switches/AS1747-50 Revision 1.02 14 - 16 AS1747, AS1748, AS1749, AS1750 Datasheet - P a c k a g e D r a w i n g s a n d M a r k i n g s Figure 24. 16-pin TQFN 3x3 Package Dimensions D D/2 INDEX AREA aaa C TOP VIEW 2x 4 (D/2 xE/2) B SIDE VIEW PLANE ccc C 11 NX SEATING 0.08 C C NXb D2/2 D2 2 1 bbb C A B ddd C -B- NN-1 BTM VIEW 6 5 (D/2 xE/2) INDEX AREA 4 SEE DETAIL B SEE DETAIL B NX K NX K Datum A or B EVEN TERMINAL SIDE Terminal Tip e e/2 12 5 Symbol Min Nom Max Notes A 0.70 0.75 0.80 A1 0.00 0.02 0.05 A3 0.20 REF L1 0.03 --- 0.15 b 0.18 0.25 0.30 e0.50 aaa 0.15 bbb 0.10 ccc 0.10 ddd 0.05 Symbol Min Nom Max Notes K0.20 1.45 --- D BSC 3.00 E BSC 3.00 D2 1.30 1.45 1.55 E2 1.30 0.40 1.55 L 0.300.400.50 N16 ND 4 NE 4 |