Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1747 Fiches technique(PDF) 3 Page - ams AG

No de pièce AS1747
Description  Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS1747 Fiches technique(HTML) 3 Page - ams AG

  AS1747 Datasheet HTML 1Page - ams AG AS1747 Datasheet HTML 2Page - ams AG AS1747 Datasheet HTML 3Page - ams AG AS1747 Datasheet HTML 4Page - ams AG AS1747 Datasheet HTML 5Page - ams AG AS1747 Datasheet HTML 6Page - ams AG AS1747 Datasheet HTML 7Page - ams AG AS1747 Datasheet HTML 8Page - ams AG AS1747 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
www.austriamicrosystems.com/Analog-Switches/AS1747-50
Revision 1.02
2 - 16
AS1747, AS1748, AS1749, AS1750
Datasheet - P i n o u t
4 Pinout
Pin Assignment
Figure 2. Pin Assignments (Top View) for AS1747/AS1749
Pin Description
Table 1. Pin Description for AS1747/AS1749
Pin Name
TDFN
Description
VCC
1
Positive-Supply Voltage Input
NO1
2
Analog Switch 1 - Normally Open Terminal
COM1
3
Analog Switch 1 - Common Terminal
NC1
4
Analog Switch 1 - Normally Closed Terminal
IN1
5
Digital Control Input for Analog Switch 1. A logic LOW on IN1 connects
COM1 to NC1 and a logic HIGH connects COM1 to NO1.
GND
6
Ground
IN2
7
Digital Control Input for Analog Switch 2. A logic LOW on IN2 connects
COM2 to NC2 and a logic HIGH connects COM2 to N02.
NC2
8
Analog Switch 2 - Normally Closed Terminal
COM2
9
Analog Switch 2 - Common Terminal
NO2
10
Analog Switch 2 - Normally Open Terminal
EP
EP (TDFN only) Exposed pad for TDFN package. Connect to GND.
10
9
8
7
6
1
2
3
4
5
GND
VCC
NO2
COM2
NC2
IN2
IN1
NC1
COM1
NO1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17