Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F84A Fiches technique(PDF) 301 Page - Microchip Technology

No de pièce PIC16F84A
Description  8-Bit CMOS Microcontrollers
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84A Fiches technique(HTML) 301 Page - Microchip Technology

Back Button PIC16F84A Datasheet HTML 297Page - Microchip Technology PIC16F84A Datasheet HTML 298Page - Microchip Technology PIC16F84A Datasheet HTML 299Page - Microchip Technology PIC16F84A Datasheet HTML 300Page - Microchip Technology PIC16F84A Datasheet HTML 301Page - Microchip Technology PIC16F84A Datasheet HTML 302Page - Microchip Technology PIC16F84A Datasheet HTML 303Page - Microchip Technology PIC16F84A Datasheet HTML 304Page - Microchip Technology PIC16F84A Datasheet HTML 305Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 337 page
background image
© 1997 Microchip Technology Inc.
DS30234D-page 301
PIC16C6X
25.11
44-Lead Plastic Leaded Chip Carrier (Square) (PLCC)
Package Group: Plastic Leaded Chip Carrier (PLCC)
Symbol
Millimeters
Inches
Min
Max
Notes
Min
Max
Notes
A
4.191
4.572
0.165
0.180
A1
2.413
2.921
0.095
0.115
D
17.399
17.653
0.685
0.695
D1
16.510
16.663
0.650
0.656
D2
15.494
16.002
0.610
0.630
D3
12.700
12.700
Reference
0.500
0.500
Reference
E
17.399
17.653
0.685
0.695
E1
16.510
16.663
0.650
0.656
E2
15.494
16.002
0.610
0.630
E3
12.700
12.700
Reference
0.500
0.500
Reference
N
4444
4444
CP
–
0.102
–
0.004
LT
0.203
0.381
0.008
0.015
S
0.177
.007
B D-E
-A-
0.254
D1
D
3
3
3
-C-
-F-
-D-
4
9
8
-B-
-E-
S
0.177
.007
A F-G
S
S
E
E1
-H-
-G-
6
2
3
.010 Max
1.524
.060
10
2
11
0.508
.020
1.651
.065
R 1.14/0.64
.045/.025
R 1.14/0.64
.045/.025
1.651
.065
0.508
.020
-H-
11
0.254
.010 Max
6
Min
0.812/0.661
.032/.026
3
-C-
0.64
.025
Min
5
0.533/0.331
.021/.013
0.177
.007 M A
F-G S , D-E S
1.27
.050
2 Sides
A
S
0.177
.007
B A
S
D3/E3
D2
0.101
.004
0.812/0.661
.032/.026
S
0.38
.015
F-G
4
S
0.38
.015
F-G
E2
D
-H-
A1
Seating
Plane
2 Sides
N Pics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More