| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC16F84A Fiches technique(PDF) 299 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F84A Fiches technique(HTML) 299 Page - Microchip Technology |
|
299 / 337 page ![]() © 1997 Microchip Technology Inc. DS30234D-page 299 PIC16C6X 25.9 28-Lead Ceramic Side Brazed Dual In-Line with Window (300 mil) (JW) Package Group: Ceramic Side Brazed Dual In-Line (CER) Symbol Millimeters Inches Min Max Notes Min Max Notes α 0 ° 10 ° 0 ° 10 ° A 3.937 5.030 0.155 0.198 A1 1.016 1.524 0.040 0.060 A2 2.921 3.506 0.115 0.138 A3 1.930 2.388 0.076 0.094 B 0.406 0.508 0.016 0.020 B1 1.219 1.321 Typical 0.048 0.052 C 0.228 0.305 Typical 0.009 0.012 D 35.204 35.916 1.386 1.414 D1 32.893 33.147 Reference 1.295 1.305 E 7.620 8.128 0.300 0.320 E1 7.366 7.620 0.290 0.300 e1 2.413 2.667 Typical 0.095 0.105 eA 7.366 7.874 Reference 0.290 0.310 eB 7.594 8.179 0.299 0.322 L 3.302 4.064 0.130 0.160 N 2828 2828 S 1.143 1.397 0.045 0.055 S1 0.533 0.737 0.021 0.029 E1 E S Base Plane Seating Plane B1 B S1 D L A1 A2 A3 A e1 Pin #1 Indicator Area D1 C eA eB α N |