| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC16F84A Fiches technique(PDF) 305 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F84A Fiches technique(HTML) 305 Page - Microchip Technology |
|
305 / 337 page ![]() © 1997 Microchip Technology Inc. DS30234D-page 305 PIC16C6X Package Marking Information (Cont’d) Legend: MM...M XX...X AA BB C D1 E Microchip part number information Customer specific information* Year code (last 2 digits of calender year) Week code (week of January 1 is week '01’) Facility code of the plant at which wafer is manufactured. C = Chandler, Arizona, U.S.A. Mask revision number for microcontroller Assembly code of the plant or country of origin in which part was assembled. In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line thus limiting the number of available characters for customer specific information. Note: Standard OTP marking consists of Microchip part number, year code, week code, facility code, mask revision number, and assembly code. For OTP marking beyond this, certain price adders apply. Please check with your Microchip Sales Office. For QTP devices, any special marking adders are included in QTP price. * S = Tempe, Arizona, U.S.A. AABBCAE XXXXXXXXXXXX XXXXXXXXXXXX AABBCAE XXXXXXXXXXXXXXXXXXXX MMMMMMMMMMMMMMMMMMXX 28-Lead SOIC 28-Lead SSOP 9517SBP 20I/SS025 PIC16C62 9515SBA PIC16C62-20/S0111 Example Example Example 28-Lead Side Brazed Skinny Windowed XXXXXXXXXXX XXXXXXXXXXX AABBCDE Example PIC16C62/JW 9517SBT 28-Lead CERDIP Skinny Windowed XXXXXXXXXXXXXX XXXXXXXXXXXXXX AABBCDE PIC16C66/JW 9517CAT XXXXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXXXX AABBCDE 40-Lead PDIP MMMMMMMMMMMMMM 9510CAA Example PIC16C65-04/P |