Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F84A Fiches technique(PDF) 298 Page - Microchip Technology

No de pièce PIC16F84A
Description  8-Bit CMOS Microcontrollers
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84A Fiches technique(HTML) 298 Page - Microchip Technology

Back Button PIC16F84A Datasheet HTML 294Page - Microchip Technology PIC16F84A Datasheet HTML 295Page - Microchip Technology PIC16F84A Datasheet HTML 296Page - Microchip Technology PIC16F84A Datasheet HTML 297Page - Microchip Technology PIC16F84A Datasheet HTML 298Page - Microchip Technology PIC16F84A Datasheet HTML 299Page - Microchip Technology PIC16F84A Datasheet HTML 300Page - Microchip Technology PIC16F84A Datasheet HTML 301Page - Microchip Technology PIC16F84A Datasheet HTML 302Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 298 / 337 page
background image
PIC16C6X
DS30234D-page 298
© 1997 Microchip Technology Inc.
25.8
40-Lead Ceramic CERDIP Dual In-line with Window (600 mil) (JW)
Package Group: Ceramic CERDIP Dual In-Line (CDP)
Symbol
Millimeters
Inches
Min
Max
Notes
Min
Max
Notes
α
0
°
10
°
0
°
10
°
A
4.318
5.715
0.170
0.225
A1
0.381
1.778
0.015
0.070
A2
3.810
4.699
0.150
0.185
A3
3.810
4.445
0.150
0.175
B
0.355
0.585
0.014
0.023
B1
1.270
1.651
Typical
0.050
0.065
Typical
C
0.203
0.381
Typical
0.008
0.015
Typical
D
51.435
52.705
2.025
2.075
D1
48.260
48.260
Reference
1.900
1.900
Reference
E
15.240
15.875
0.600
0.625
E1
12.954
15.240
0.510
0.600
e1
2.540
2.540
Reference
0.100
0.100
Reference
eA
14.986
16.002
Typical
0.590
0.630
Typical
eB
15.240
18.034
0.600
0.710
L
3.175
3.810
0.125
0.150
N
4040
4040
S
1.016
2.286
0.040
0.090
S1
0.381
1.778
0.015
0.070
N
Pin No. 1
Indicator
Area
E1
E
S
D
B1
B
D1
Base
Plane
Seating
Plane
S1
A1 A3 A A2
L
e1
α
C
eA
eB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More