| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC16F84A Fiches technique(PDF) 294 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F84A Fiches technique(HTML) 294 Page - Microchip Technology |
|
294 / 337 page ![]() PIC16C6X DS30234D-page 294 © 1997 Microchip Technology Inc. 25.4 18-Lead Plastic Surface Mount (SOIC - Wide, 300 mil Body) (SO) Package Group: Plastic SOIC (SO) Symbol Millimeters Inches Min Max Notes Min Max Notes α 0 ° 8 ° 0 ° 8 ° A 2.362 2.642 0.093 0.104 A1 0.101 0.300 0.004 0.012 B 0.355 0.483 0.014 0.019 C 0.241 0.318 0.009 0.013 D 11.353 11.735 0.447 0.462 E 7.416 7.595 0.292 0.299 e 1.270 1.270 Reference 0.050 0.050 Reference H 10.007 10.643 0.394 0.419 h 0.381 0.762 0.015 0.030 L 0.406 1.143 0.016 0.045 N 1818 1818 CP – 0.102 – 0.004 B e N Index Area Chamfer h x 45 ° α E H 1 2 3 CP h x 45 ° C L Seating Plane Base Plane D A1 A |