Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1109-BSST Fiches technique(PDF) 24 Page - ams AG

No de pièce AS1109-BSST
Description  Constant-Current, 8-Bit LED Driver with Diagnostics
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS1109-BSST Fiches technique(HTML) 24 Page - ams AG

Back Button AS1109-BSST Datasheet HTML 17Page - ams AG AS1109-BSST Datasheet HTML 18Page - ams AG AS1109-BSST Datasheet HTML 19Page - ams AG AS1109-BSST Datasheet HTML 20Page - ams AG AS1109-BSST Datasheet HTML 21Page - ams AG AS1109-BSST Datasheet HTML 22Page - ams AG AS1109-BSST Datasheet HTML 23Page - ams AG AS1109-BSST Datasheet HTML 24Page - ams AG AS1109-BSST Datasheet HTML 25Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
www.ams.com/LED-Driver-ICs/AS1109
Revision 1.21
23 - 24
AS1109
Datasheet - Orderin g Info r m ation
11 Ordering Information
The device is available as the standard products shown in Table 9.
Note:
All products are RoHS compliant.
Buy our products or get free samples online at www.ams.com/ICdirect
Technical Support is available at www.ams.com/Technical-Support
For further information and requests, email us at sales@ams.com
(or) find your local distributor at www.ams.com/distributor
Table 9. Ordering Information
Ordering Code
Marking
Description
Delivery Form
Package
AS1109-BSOU
AS1109B
Constant-Current, 8-Bit LED Driver with Diagnostics
Tubes
16-pin SOIC-150
AS1109-BSOT
AS1109B
Constant-Current, 8-Bit LED Driver with Diagnostics
Tape and Reel
16-pin SOIC-150
AS1109-BSSU
AS1109B
Constant-Current, 8-Bit LED Driver with Diagnostics
Tubes
16-pin QSOP-150
AS1109-BSST
AS1109B
Constant-Current, 8-Bit LED Driver with Diagnostics
Tape and Reel
16-pin QSOP-150
AS1109-BQFR
AS1109B
Constant-Current, 8-Bit LED Driver with Diagnostics
Tray
16-pin QFN (4x4mm)
AS1109-BQFT
AS1109B
Constant-Current, 8-Bit LED Driver with Diagnostics
Tape and Reel
16-pin QFN (4x4mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25